| Electronic Components Datasheet Search |
|
PM5366 Datasheet(PDF) 199 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366 Datasheet(HTML) 199 Page - PMC-Sierra, Inc |
|
199 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 187 E1 tributary asynchronous timing is compensated via the V3 octet. E1 tributary link rate adjustments are optionally passed across the SBI via the V4 octet. E1 tributary alarm conditions are optionally passed across the SBI bus via the link rate octet in the V4 location. In synchronous mode the E1 tributary mapping is fixed to that shown in Table 29 and rate justifications are not possible using the V3 octet. The clock rate information within the link rate octet in the V4 location is not used in synchronous mode. DS3 Tributary Mapping Table 31 shows a DS3 tributary mapped within the first synchronous payload envelope SPE1. The V5 indicator pulse identifies the V5 octet. The DS3 framing format does not follow an 8KHz frame period so the floating DS3 multi-frame located by the V5 indicator, shown in heavy border grey region in Table 31, will jump around relative to the H1 frame on every pass. In fact the V5 indicator will often be asserted twice per H1 frame, as is shown by the second V5 octet in Table 31. The V5 indicator and payload signals indicate negative and positive rate adjustments which are carried out by either putting a data byte in the H3 octet or leaving empty the octet after the H3 octet. Table 31 - DS3 Framing Format SPE COL # DS3 1 DS3 2-56 DS3 57 DS3 58-84 DS3 Col 85 ROW SBI COL# 1,4,7,10 13 16 ••• ••• ••• ••• 184 ••• ••• ••• ••• 268 1 Unused H1 V5 DS3 DS3 DS3 DS3 2 Unused H2 DS3 DS3 DS3 DS3 DS3 3 Unused H3 DS3 DS3 DS3 DS3 DS3 4 Unused Linkrate DS3 DS3 DS3 DS3 DS3 5 Unused Unused DS3 DS3 DS3 DS3 DS3 6 Unused Unused DS3 DS3 DS3 DS3 DS3 7 Unused Unused DS3 DS3 DS3 DS3 DS3 8 Unused Unused DS3 DS3 V5 DS3 DS3 9 Unused Unused DS3 DS3 DS3 DS3 DS3 Because the DS3 tributary rate is less than the rate of the grey region, padding octets are interleaved with the DS3 tributary to make up the difference in rate. Interleaved with every DS3 multi-frame are 35 stuff octets, one of which is the V5 octet. These 35 stuff octets are spread evenly across seven DS3 subframes. Each DS3 subframe is eight blocks of 85 bits. The 85 bits making up a DS3 block are padded out to be 11 octets. Table 32 shows the DS3 block 11 octet format where R indicates a stuff bit, F indicates a DS3 framing bit and I indicates |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |