Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 196 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 196 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 192Page - PMC-Sierra, Inc PM5366 Datasheet HTML 193Page - PMC-Sierra, Inc PM5366 Datasheet HTML 194Page - PMC-Sierra, Inc PM5366 Datasheet HTML 195Page - PMC-Sierra, Inc PM5366 Datasheet HTML 196Page - PMC-Sierra, Inc PM5366 Datasheet HTML 197Page - PMC-Sierra, Inc PM5366 Datasheet HTML 198Page - PMC-Sierra, Inc PM5366 Datasheet HTML 199Page - PMC-Sierra, Inc PM5366 Datasheet HTML 200Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
184
A17
A18
A19
A20
F3
M3
00
A21
A22
A23
A24
S3
C2
00
B1
B2
B3
B4
F4
M4
01
B5
B6
B7
B8
S4
F2
01
B9
B10
B11
B12
F5
M5
01
B13
B14
B15
B16
S5
C3
01
B17
B18
B19
B20
F6
M6
01
B21
B22
B23
B24
S6
F3
01
C1
C2
C3
C4
F1
M7
10
C5
C6
C7
C8
S1
C4
10
C9
C10
C11
C12
F2
M8
10
C13
C14
C15
C16
S2
F4
10
C17
C18
C19
C20
F3
M9
10
C21
C22
C23
C24
S3
C5
10
D1
D2
D3
D4
F4
M10
11
D5
D6
D7
D8
S4
F5
11
D9
D10
D11
D12
F5
M11
11
D13
D14
D15
D16
S5
C6
11
D17
D18
D19
D20
F6
M12
11
D21
D22
D23
D24
S6
F6
11
T1 tributary asynchronous timing is compensated via the V3 octet. T1 tributary
link rate adjustments are optionally passed across the SBI via the V4. T1
tributary alarm conditions are optionally passed across the SBI bus via the link
rate octet in the V4 location.
In synchronous mode, the T1 tributary mapping is fixed to that shown in Table 27
and rate justifications are not possible using the V3 octet. The clock rate
information within the link rate octet in the V4 location is not used in synchronous
mode.
E1 Tributary Mapping
Table 29 shows the format for mapping 63 E1s within the SPE octets. The
timeslots and framing bits within each E1 are easily located within this mapping
for SONET/SDH byte synchronously mapped E1 applications. Unframed E1s
use the exact same format for mapping 63 E1s into the SBI except that the E1
tributaries need not align with the timeslot locations associated with channelized
E1 applications. The V1,V2 and V4 octets are not used to carry E1 data and are
either reserved or used for control information across the interface. When
enabled, the V4 octet carries clock phase information across the SBI. The V1
and V2 octets are unused and should be ignored by devices listening to the SBI
bus. The V5 and R octets do not carry any information and are fixed to a zero
value. The V3 octet carries an E1 data octet but only during rate adjustments as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com