Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 195 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 195 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 191Page - PMC-Sierra, Inc PM5366 Datasheet HTML 192Page - PMC-Sierra, Inc PM5366 Datasheet HTML 193Page - PMC-Sierra, Inc PM5366 Datasheet HTML 194Page - PMC-Sierra, Inc PM5366 Datasheet HTML 195Page - PMC-Sierra, Inc PM5366 Datasheet HTML 196Page - PMC-Sierra, Inc PM5366 Datasheet HTML 197Page - PMC-Sierra, Inc PM5366 Datasheet HTML 198Page - PMC-Sierra, Inc PM5366 Datasheet HTML 199Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
183
4
Unused
DS0#7
-
DS0#8
-
DS0#9
-
5
Unused
DS0#10
-
DS0#11
-
DS0#12
-
6
Unused
DS0#13
-
DS0#14
-
DS0#15
-
7
Unused
DS0#16
-
DS0#17
-
DS0#18
-
8
Unused
DS0#19
-
DS0#20
-
DS0#21
-
9
Unused
DS0#22
-
DS0#23
-
DS0#24
-
1
Unused
V4
V4
R
-
PPSSSSFR
-
2
Unused
DS0#1
-
DS0#2
-
DS0#3
-
3
Unused
DS0#4
-
DS0#5
-
DS0#6
-
4
Unused
DS0#7
-
DS0#8
-
DS0#9
-
5
Unused
DS0#10
-
DS0#11
-
DS0#12
-
6
Unused
DS0#13
-
DS0#14
-
DS0#15
-
7
Unused
DS0#16
-
DS0#17
-
DS0#18
-
8
Unused
DS0#19
-
DS0#20
-
DS0#21
-
9
Unused
DS0#22
-
DS0#23
-
DS0#24
-
The P1P0S1S2S3S4FR octet carries T1 framing in the F bit and channel
associated signaling in the P1P0and S1S2S3S4bits. Channel associated signaling
is optional and only available for SONET/SDH byte synchronously mapped
tributaries. The R bit is reserved and is set to 0. The P1P0bits are used to
indicate the phase of the channel associated signaling and the S1S2S3S4 bits are
the channel associated signaling bits for the 24 DS0 channels in the T1. Table 28
shows the channel associated signaling bit mapping and how the phase bits
locate the sixteen state CAS mapping for super frame and extended superframe
formats. When using four state CAS then the signaling bits are A1-A24, B1-B24,
A1-A24, B1-B24 in place of are A1-A24, B1-B24, C1-C24, D1-D24. When using
2 state CAS there are only A1-A24 signaling bits. For unframed tributaries, the
R, P and S bits are unused.
When the SYNCH_TRIB bit is set for a tributary, the DS0 alignment is precisely
as presented in Table 27, and the P1P0 and S1S2S3S4bits in the first row of Table
28 are aligned to the multiframe indicated by the SDC1FP signal, be it an input
or output. The F-bit positions in Table 28 have an arbitrary alignment relative to
the P1P0 bits that will change with each controlled frame slip; that illustrated is
only an example.
Table 28
- T1 Channel Associated Signaling bits
SF
ESF
S1
S2
S3
S4
FFP1 P0
A1
A2
A3
A4
F1
M1
00
A5
A6
A7
A8
S1
C1
00
A9
A10
A11
A12
F2
M2
00
A13
A14
A15
A16
S2
F1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com