Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 191 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 191 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 187Page - PMC-Sierra, Inc PM5366 Datasheet HTML 188Page - PMC-Sierra, Inc PM5366 Datasheet HTML 189Page - PMC-Sierra, Inc PM5366 Datasheet HTML 190Page - PMC-Sierra, Inc PM5366 Datasheet HTML 191Page - PMC-Sierra, Inc PM5366 Datasheet HTML 192Page - PMC-Sierra, Inc PM5366 Datasheet HTML 193Page - PMC-Sierra, Inc PM5366 Datasheet HTML 194Page - PMC-Sierra, Inc PM5366 Datasheet HTML 195Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
179
tolerated. Note that the some applications require an exact one-to-one
correspondence between SAJUST_REQ and data bytes.
SBI Link Rate Information
The TEMAP-84 SBI bus provides a method for carrying link rate information
between devices. Two methods are specified, one for T1 and E1 channels and
the second for DS3 and E3 channels. For T1 and E1, the link rate information is
always generated on the Drop bus and always ignored on the Add bus. For DS3
and E3, only the ClkRate field of the link rate byte is valid on the Drop bus and
the use is optional on the Add bus as specified by the CLK_MODE[1:0] bits of
the EXSBI Tributary Control Indirect Access Data register. Link rate information
is not available for TVTs. These methods use the reference 19.44 MHz SBI
clock and the SAC1FP frame synchronization signal to measure channel clock
ticks and clock phase for transport across the bus.
The T1 and E1 method allows for a count of the number of T1 or E1 rising clock
edges between 2 KHz SDC1FP frame pulses. This count is encoded in
ClkRate[1:0] to indicate that the nominal number of clocks, one more than
nominal or one less than nominal should be generated during the SDC1FP
period. This method also counts the number of 19.44 MHz clock rising edges
after sampling SDC1FP high to the next rising edge of the T1 or E1 clock, giving
the ability to control the phase of the generated clock. The link rate information
passed across the SBI bus via the V4 octet and is shown in Table 23.
Table 24 shows the encoding of the clock count, ClkRate[1:0], passed in the link
rate octet.
Note that while the TEMAP-84 generates valid link rate information on the SBI
Drop bus, it ignores the V4 byte on the Add bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com