Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 192 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 192 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 188Page - PMC-Sierra, Inc PM5366 Datasheet HTML 189Page - PMC-Sierra, Inc PM5366 Datasheet HTML 190Page - PMC-Sierra, Inc PM5366 Datasheet HTML 191Page - PMC-Sierra, Inc PM5366 Datasheet HTML 192Page - PMC-Sierra, Inc PM5366 Datasheet HTML 193Page - PMC-Sierra, Inc PM5366 Datasheet HTML 194Page - PMC-Sierra, Inc PM5366 Datasheet HTML 195Page - PMC-Sierra, Inc PM5366 Datasheet HTML 196Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
180
Table 23
- SBI T1/E1 Link Rate Information
SDC1FP
•• •
SREFCLK
•• •
T1/E1 CLK
•• •
Clock Count
Phase
Link Rate Octet
Bit #
7
6
5:4
3:0
T1/E1 Format
ALM
0
ClkRate[1:0]
Phase[3:0]
Table 24
- SBI T1/E1 Clock Rate Encoding
ClkRate[1:0]
T1 Clocks / 2KHz
E1 Clocks / 2 KHz
“00” – Nominal
772
1024
“01” – Fast
773
1025
“1x” – Slow
771
1023
The method for transferring DS3 link rate information across the SBI passes the
encoded count of DS3 clocks between 2KHz SAC1FP/SDC1FP pulses in the
same method used for T1/E1 tributaries, but does not pass any phase
information. The other difference from T1/E1 link rate is that ClkRate[1:0]
indicates whether the nominal number of clocks are generated or if four fewer or
four extra clocks are generated during the SAC1FP/SDC1FP period. The format
of the DS3 link rate octet is shown in Table 25. This is passed across the SBI via
the Linkrate octet which follows the H3 octet in the column, see Table 31. Table
26 shows the encoding of the clock count, ClkRate[1:0], passed in the link rate
octet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com