Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 187 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 187 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 183Page - PMC-Sierra, Inc PM5366 Datasheet HTML 184Page - PMC-Sierra, Inc PM5366 Datasheet HTML 185Page - PMC-Sierra, Inc PM5366 Datasheet HTML 186Page - PMC-Sierra, Inc PM5366 Datasheet HTML 187Page - PMC-Sierra, Inc PM5366 Datasheet HTML 188Page - PMC-Sierra, Inc PM5366 Datasheet HTML 189Page - PMC-Sierra, Inc PM5366 Datasheet HTML 190Page - PMC-Sierra, Inc PM5366 Datasheet HTML 191Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
175
SONET/SDH tributary pointers are carried within the SBI structure in place of the
V5 indicator and payload signals (SDV5, SAV5, SDPL and SAPL).
Table 20 shows the bus structure for carrying T1, E1, TVT1.5, TVT2, DS3 and
E3 tributaries in a SDH STM-1 like format. Up to 84 T1s, 63 E1s, 84 TVT1.5s,
63 TVT2s, 3 DS3s or 3 E3s are carried within the octets labeled SPE1, SPE2
and SPE3 in columns 16-270. All other octets are unused and are of fixed
position. The frame signal (SAC1FP or SDC1FP) occurs during the octet labeled
C1 in Row 1 column 7. The Add and Drop buses have independent frame
signals to allow for arbitrary alignment of the two buses.
Table 20 represents a 19.44 Mbit/s signal. The structure is presented on a
77.76 MHz bus by byte interleaving it with three other like structures.
The multiplexed links are separated into three Synchronous Payload Envelopes
called SPE1, SPE2 and SPE3. Each envelope carries up to 28 T1s, 21 E1, 28
TVT1.5s, 21 TVT2s, a DS3 or an E3. SPE1 carries the T1s numbered 1,1
through 1,28, E1s numbered 1,1 through 1,21, DS3 number 1,1 or E3 number
1,1. SPE2 carries T1s numbered 2,1 through 2,28, E1s numbered 2,1 through
2,21, DS3 number 2,1 or E3 number 2,1. SPE3 carries T1s numbered 3,1
through 3,28, E1s numbered 3,1 through 3,21, DS3 number 3,1 or E3 number
3,1. TVT1.5s are numbered the same as T1 tributaries and TVT2s are numbered
the same as E1 tributaries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com