Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 233 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 233 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 229Page - PMC-Sierra, Inc PM5366 Datasheet HTML 230Page - PMC-Sierra, Inc PM5366 Datasheet HTML 231Page - PMC-Sierra, Inc PM5366 Datasheet HTML 232Page - PMC-Sierra, Inc PM5366 Datasheet HTML 233Page - PMC-Sierra, Inc PM5366 Datasheet HTML 234Page - PMC-Sierra, Inc PM5366 Datasheet HTML 235Page - PMC-Sierra, Inc PM5366 Datasheet HTML 236Page - PMC-Sierra, Inc PM5366 Datasheet HTML 237Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
221
Figure 61 illustrates the operation of the SBI ADD Bus, using positive and
negative justification requests as an example. (The responses to the justification
requests would take effect during the next multi-frame.) The negative
justification request occurs on the DS-3#3 tributary when SAJUST_REQ is
asserted high during the H3 octet. The positive justification occurs on the DS-3#2
tributary when SAJUST_REQ is asserted high during the first DS-3#2 octet after
the H3 octet.
13.7.1 Notes on 77.76 MHz SBI Bus Operation
SBI bus operation at 77.76MHz is simply a byte interleaved multiplex of a 19.44
MByte/s stream with idle cycles. The STM-1 of interest is identified by the
LSTM[1:0] bits of the Master Bus Configuration register. On the Add bus, the
three unused STM-1s are simply ignored, including parity. On the Drop bus, the
unused STM-1s are high-impedance. The following is of special note:
1. Regardless of the state of the SSTM[1:0] bits, the SAC1FP and SDC1FP
pulses always identify the first byte of the frame.
2. Up to four devices may be directly connected to the same bus. Current
consumption is minimized if all devices are the same (ie. all TEMAP-84s).
All devices must receive the same SAC1FP and SDC1FP signals.
3. The Telecom bus becomes unconditionally high-impedance upon either a
hardware or software reset. All necessary configuration and at least one
SDC1FP pulse should precede the setting of the GSOE register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com