Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 235 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 235 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 231Page - PMC-Sierra, Inc PM5366 Datasheet HTML 232Page - PMC-Sierra, Inc PM5366 Datasheet HTML 233Page - PMC-Sierra, Inc PM5366 Datasheet HTML 234Page - PMC-Sierra, Inc PM5366 Datasheet HTML 235Page - PMC-Sierra, Inc PM5366 Datasheet HTML 236Page - PMC-Sierra, Inc PM5366 Datasheet HTML 237Page - PMC-Sierra, Inc PM5366 Datasheet HTML 238Page - PMC-Sierra, Inc PM5366 Datasheet HTML 239Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
223
15
D.C. CHARACTERISTICS
TA = -40°C to +85°C, VDD3.3 = 3.3V ±8%, VDD1.8 = 1.8V ±8%
(Typical Conditions: TA = 25°C, VDD3.3 = 3.3V, VDD1.8 = 1.8V)
Table 39
- D.C. Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VDD3.3
Power Supply
2.97
3.3
3.63
Volts
VDD1.8
Power Supply
1.65
1.8
1.95
Volts
VIL
Input Low Voltage
0
0.8
Volts
Guaranteed Input LOW Voltage
VIH
Input High Voltage
2.0
Volts
Guaranteed Input HIGH Voltage
VOL
Output or
Bidirectional Low
Voltage
0
0.1
0.4
Volts
VDD = min,
IOL = -4mA for D[7:0], LAOE,
RECVCLK1, RECVCLK2,
RECVCLK3, TCLK[3:1],
TPOS/TDAT[3:1], TNEG/TMFP[3:1],
RGAPCLK/RSCLK[3:1],
RDATAO[3:1], RFPO/RMFPO[3:1],
ROVRHD[3:1],
TFPO/TMFPO/TGAPCLK[3:1],
SBIACT,
IOL = -8mA for SDDATA[7:0], SDDP,
SDPL, SDV5, SAJUST_REQ,
SDC1FP, LAC1J1V1, LADATA[7:0],
LADP, LAPL,
IOL = -2mA for others.
Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com