Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 239 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 239 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 235Page - PMC-Sierra, Inc PM5366 Datasheet HTML 236Page - PMC-Sierra, Inc PM5366 Datasheet HTML 237Page - PMC-Sierra, Inc PM5366 Datasheet HTML 238Page - PMC-Sierra, Inc PM5366 Datasheet HTML 239Page - PMC-Sierra, Inc PM5366 Datasheet HTML 240Page - PMC-Sierra, Inc PM5366 Datasheet HTML 241Page - PMC-Sierra, Inc PM5366 Datasheet HTML 242Page - PMC-Sierra, Inc PM5366 Datasheet HTML 243Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
227
Figure 42: Microprocessor Interface Read Timing
INTB
tZINTH
(CSB+RDB)
Valid Data
D[7:0]
tPRD
tZRD
tSAR
tH
AR
Valid
Address
A[12:0]
ALE
tS ALR
tVL
tS
LR
tHALR
tHLR
Notes on Microprocessor Interface Read Timing:
1. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
2. Maximum output propagation delays are measured with a 100 pF load on the
Microprocessor Interface data bus, (D[7:0]).
3. A valid read cycle is defined as a logical OR of the CSB and the RDB signals.
4. In non-multiplexed address/data bus architectures, ALE should be held high
so parameters tSALR, tHALR, tVL, and tSLR are not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com