Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 243 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 243 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 239Page - PMC-Sierra, Inc PM5366 Datasheet HTML 240Page - PMC-Sierra, Inc PM5366 Datasheet HTML 241Page - PMC-Sierra, Inc PM5366 Datasheet HTML 242Page - PMC-Sierra, Inc PM5366 Datasheet HTML 243Page - PMC-Sierra, Inc PM5366 Datasheet HTML 244Page - PMC-Sierra, Inc PM5366 Datasheet HTML 245Page - PMC-Sierra, Inc PM5366 Datasheet HTML 246Page - PMC-Sierra, Inc PM5366 Datasheet HTML 247Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
231
TDATIFALL bit)
TDATI[x] to RCLK[x] Set-up Time (LOOPT = 1)
5
tHTDATI
TDATI[x] to TICLK[x] Hold Time
(LOOPT = 0, active TICLK edge set by
TDATIFALL bit)
TDATI[x] to RCLK[x] Hold Time (LOOPT = 1)
1
1
ns
tPTGAP
TICLK[x] to TGAPCLK[x] Prop Delay (LOOPT = 0)
RCLK[x] to TGAPCLK[x] Prop Delay (LOOPT = 1)
2
2
10
10
ns
tPTFPO
TICLK[x] to TFPO/TMFPO[x] Prop Delay
(LOOPT = 0, active TICLK edge set by
TDATIFALL bit)
RCLK[x] to TFPO/TMFPO[x] Prop Delay (LOOPT =
1)
2
2
12
12
ns
tSTGAP
TDATI[x] to TGAPCLK[x] Set-up Time
2
ns
tHTGAP
TDATI[x] to TGAPCLK[x] Hold Time
2
ns
tPTCLK
TICLK[x] Edge to TCLK[x] Edge Prop Delay
2
13
ns
tPTPOS
TCLK[x] Edge to TPOS/TDAT[x] Prop Delay
-1
4
ns
tPTNEG
TCLK[x] Edge to TNEG/TMFP[x] Prop Delay
-1
4
ns
tPTPOS2
TICLK[x] High to TPOS/TDAT[x] Prop Delay
2
13
ns
tPTNEG2
TICLK[x] High to TNEG/TMFP[x] Prop Delay
2
13
ns
Note: The “[x]” implies the parameters for a data signal are only in relation to the
associated clock.
Figure 62
- DS3/E3 Transmit Interface Timing
tS TFPI
tH TFPI
TFPI/TMFPI
TICLK/RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com