Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 248 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 248 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 244Page - PMC-Sierra, Inc PM5366 Datasheet HTML 245Page - PMC-Sierra, Inc PM5366 Datasheet HTML 246Page - PMC-Sierra, Inc PM5366 Datasheet HTML 247Page - PMC-Sierra, Inc PM5366 Datasheet HTML 248Page - PMC-Sierra, Inc PM5366 Datasheet HTML 249Page - PMC-Sierra, Inc PM5366 Datasheet HTML 250Page - PMC-Sierra, Inc PM5366 Datasheet HTML 251Page - PMC-Sierra, Inc PM5366 Datasheet HTML 252Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
236
2.
When a hold time is specified between an input and a clock, the hold time
is the time in nanoseconds from the 1.4 Volt point of the clock to the 1.4 Volt
point of the input.
3.
Output propagation delay time is the time in nanoseconds from the 1.4
Volt point of the reference signal to the 1.4 Volt point of the output.
4.
Maximum and minimum output propagation delays are measured with a
50 pF load on all the outputs.
Table 45
- Line Side Telecom Bus Input Timing – 19.44 MHz (Figure 67)
Symbol
Description
Min
Max
Units
LREFCLK Frequency
19.44
-50 ppm
19.44
+50 ppm
MHz
LREFCLK Duty Cycle
40
60
%
LREFCLK skew relative to
SREFCLK
-10
10
ns
CLK52M Frequency (51.84 MHz)
51.84
-50 ppm
51.84
+50 ppm
MHz
CLK52M Frequency (44.928 MHz)
44.928
-50 ppm
44.928
+50 ppm
MHz
CLK52M Duty Cycle
40
60
%
tSTEL
All Telecom BUS Inputs Set-Up
Time to LREFCLK
5ns
THTEL
All Telecom BUS Inputs Hold Time
to LREFCLK
1ns
Line Side Telecom Bus Input Timing - 77.76 MHz (Figure 67)
Symbol
Description
Min
Max
Units
LREFCLK Frequency
77.76
-50 ppm
77.76
+50 ppm
MHz
LREFCLK Duty Cycle
40
60
%
LREFCLK skew relative to
SREFCLK
-5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com