Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 249 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 249 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 245Page - PMC-Sierra, Inc PM5366 Datasheet HTML 246Page - PMC-Sierra, Inc PM5366 Datasheet HTML 247Page - PMC-Sierra, Inc PM5366 Datasheet HTML 248Page - PMC-Sierra, Inc PM5366 Datasheet HTML 249Page - PMC-Sierra, Inc PM5366 Datasheet HTML 250Page - PMC-Sierra, Inc PM5366 Datasheet HTML 251Page - PMC-Sierra, Inc PM5366 Datasheet HTML 252Page - PMC-Sierra, Inc PM5366 Datasheet HTML 253Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
237
Symbol
Description
Min
Max
Units
CLK52M Frequency (51.84 MHz)
51.84
-50 ppm
51.84
+50 ppm
MHz
CLK52M Frequency (44.928 MHz)
44.928
-50 ppm
44.928
+50 ppm
MHz
CLK52M Duty Cycle
40
60
%
tSTEL
All Telecom BUS Inputs Set-Up
Time to LREFCLK
3ns
THTEL
All Telecom BUS Inputs Hold Time
to LREFCLK
0ns
Notes on Telecom Input Timing:
1. When a set-up time is specified between an input and a clock, the set-up
time is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4
Volt point of the clock.
2. When a hold time is specified between an input and a clock, the hold time is
the time in nanoseconds from the 1.4 Volt point of the clock to the 1.4 Volt
point of the input.
Figure 64
- Line Side Telecom BUS Input Timing
LREFCLK
tSTEL
tHTEL
LAC1,
LDDATA[7:0]
LDDP,LDPL
LDV5,LDC1J1,
LDTPL, LDAIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com