Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 99Page - PMC-Sierra, Inc PM5366 Datasheet HTML 100Page - PMC-Sierra, Inc PM5366 Datasheet HTML 101Page - PMC-Sierra, Inc PM5366 Datasheet HTML 102Page - PMC-Sierra, Inc PM5366 Datasheet HTML 103Page - PMC-Sierra, Inc PM5366 Datasheet HTML 104Page - PMC-Sierra, Inc PM5366 Datasheet HTML 105Page - PMC-Sierra, Inc PM5366 Datasheet HTML 106Page - PMC-Sierra, Inc PM5366 Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
91
• the General Purpose Communication Channel byte for processing by the HDLC
receiver when the RNETOP bit in the E3 Data Link Control register is logic 0.
In G.751 E3 mode, the E3-FRMR extracts:
• the Remote Alarm Indication bit (bit 11 of the frame) and indicates a Remote
Alarm when the RAI bit is a logic 1 for 3 or 5 consecutive frames. Similarly, the
Remote Alarm is removed when the RAI bit is logic 0 for 3 or 5 consecutive
frames;
• the National Use reserved bit (bit 12 of the frame) for further processing in the
HDLC receiver when the RNETOP bit in the E3 Data Link Control register is logic
0. Optionally, an interrupt can be generated when the National Use bit changes
state.
The E3-FRMR declares out of frame alignment if the framing pattern is in error
for four consecutive frames. The E3-FRMR is an "off-line" framer, where all
frame alignment indications, all overhead bit indications, and all overhead bit
processing continue based on the previous alignment. Once the framer has
determined the new frame alignment, the out-of-frame indication is removed and
a COFA indication is declared if the new alignment differs from the previous
alignment.
The E3-FRMR detects the presence of AIS in the incoming data stream when
less than 8 zeros in a frame are detected while the framer is OOF in G.832
mode, or when less than 5 zeros in a frame are detected while OOF in G.751
mode. This algorithm provides a probability of detecting AIS within a single
frame in the presence of a 10-3 BER as 92.9% in G.832 and 98.0% in G.751.
After five frames, the probability of detection rises to >99.999% for both formats.
Loss of signal is LOS is declared when no marks have been received for 32
consecutive bit periods. Loss of signal is de-asserted after 32 bit periods during
which there is no sequence of four consecutive zeros.
E3 Loss of Frame detection is provided as recommended by ITU-T G.783 with
programmable integration periods of 1ms, 2ms, or 3ms. While integrating up to
assert LOF, the counter will integrate up when the framer asserts an Out of
Frame condition and integrates down when the framer de-asserts the Out of
Frame condition. Once an LOF is asserted, the framer must not assert OOF for
the entire integration period before LOF is de-asserted.
The E3-FRMR can also be enabled to automatically assert the RAI/FERF
indication in the outgoing transmit stream upon detection of any combination of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com