Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 105 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 105 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 101Page - PMC-Sierra, Inc PM5366 Datasheet HTML 102Page - PMC-Sierra, Inc PM5366 Datasheet HTML 103Page - PMC-Sierra, Inc PM5366 Datasheet HTML 104Page - PMC-Sierra, Inc PM5366 Datasheet HTML 105Page - PMC-Sierra, Inc PM5366 Datasheet HTML 106Page - PMC-Sierra, Inc PM5366 Datasheet HTML 107Page - PMC-Sierra, Inc PM5366 Datasheet HTML 108Page - PMC-Sierra, Inc PM5366 Datasheet HTML 109Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
93
• inserts the General Purpose Communication Channel (GC) byte from the TDPR
block when the TNETOP bit in the E3 Data Link Control register is logic 0;
otherwise, the byte is set to all ones.
In G.751 E3 mode, the E3-TRAN :
• inserts the Remote Alarm Indication bit (bit 11 of the frame) either via a register
bit or, optionally, when the E3-FRMR declares OOF;
• inserts the National Use reserved bit (bit 12 of the frame) either as a fixed value
through a register bit or from the HDLC transmitter as configured by the TNETOP
bit in the E3 Data Link Control register and the NATUSE bit in the E3 TRAN
Configuration register;
• optionally identifies the tributary justification bits and stuff opportunity bits as
either overhead or payload for payload mappings that take advantage of the full
bandwidth.
Further, the E3-TRAN can provide insertion of bit errors in the framing pattern or
in the parity bits, and insertion of single line code violations for diagnostic
purposes.
9.20.1 E3 Transmitter Timing Sources
E3 transmitter timing has three possible sources:
1.
TICLK[3:1] input pins. If the system interface is SBI, then TEMAP-84 is
the SBI bus clock master, and uses the SAJUST_REQ output signal to
issue timing justification requests to the link-layer device. If the system
interface is serial clock and data, TEMAP-84 derives TGAPCLK[3:1]
from TICLK[3:1].)
2.
Integral E3 clock synthesizer, which generates a gapped E3 clock from
the CLK52M input pin, in response to SBI bus timing justification
requests from the link-layer device. TEMAP-84 is the SBI bus clock
slave in this mode, and the SBI bus must be the system side option.
External jitter attenuation is recommended when using this E3 timing
option.
3.
Recovered E3 clock from the RCLK[3:1] input pins. If the system
interface is SBI, then TEMAP-84 is the SBI bus clock master, as in case
1 above. If the system interface is serial clock and data, TEMAP-84
derives TGAPCLK[3:1] from the recovered E3 clock.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com