Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 109 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 109 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 105Page - PMC-Sierra, Inc PM5366 Datasheet HTML 106Page - PMC-Sierra, Inc PM5366 Datasheet HTML 107Page - PMC-Sierra, Inc PM5366 Datasheet HTML 108Page - PMC-Sierra, Inc PM5366 Datasheet HTML 109Page - PMC-Sierra, Inc PM5366 Datasheet HTML 110Page - PMC-Sierra, Inc PM5366 Datasheet HTML 111Page - PMC-Sierra, Inc PM5366 Datasheet HTML 112Page - PMC-Sierra, Inc PM5366 Datasheet HTML 113Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
97
end block error codes. Incoming path signal label is debounced and compared
with the provisioned value. Path signal label unstable, path signal label
mismatch and change of path signal label event are identified.
9.23.1 Error Monitor
The error monitor block contains a set of 12-bit counters that are used to
accumulate tributary path BIP-2 errors, and a set of 11-bit counters to
accumulate far end block errors (FEBE). The contents of the counters may be
transferred to a holding RAM, and the counters reset under microprocessor
control.
Tributary path BIP-2 errors are detected by comparing the tributary path BIP-2
bits in the V5 byte extracted from the current multiframe, to the BIP-2 value
computed for the previous multiframe. BIP-2 errors may be accumulated on a
block or nibble basis as controlled by software configurable registers. Far end
block errors (FEBEs) are detected by extracting the FEBE bit from the tributary
path overhead byte (V5).
Tributary path remote defect indication (RDI) and remote failure indication (RFI)
are detected by extracting bit 8 and bit 4 respectively of the tributary path
overhead byte (V5). The RDI is recognized when bit 8 of the V5 byte is set high
for five or ten consecutive multiframes while RFI is recognized when bit 4 of V5
is set high for five or ten consecutive frames. The RDI and RFI bits may be
treated as a two-bit code word. A code change is only recognized when the code
is unchanged for five or ten frames.
The tributary path signal label (PSL) found in the tributary path overhead byte
(V5) is processed. An incoming PSL is accepted when it is received unchanged
for five consecutive multiframes. The accepted PSL is compared with the
associated provisioned value. The PSL match/mismatch state is determined by
the following:
Table 2
- Path Signal Label Mismatch State
Expected PSL
Accepted PSL
PSLM State
000
000
Match
000
001
Mismatch
000
PDI Code
Mismatch
000
XXX
≠ 000, 001, PDI Code
Mismatch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com