Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 121 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 121 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 117Page - PMC-Sierra, Inc PM5366 Datasheet HTML 118Page - PMC-Sierra, Inc PM5366 Datasheet HTML 119Page - PMC-Sierra, Inc PM5366 Datasheet HTML 120Page - PMC-Sierra, Inc PM5366 Datasheet HTML 121Page - PMC-Sierra, Inc PM5366 Datasheet HTML 122Page - PMC-Sierra, Inc PM5366 Datasheet HTML 123Page - PMC-Sierra, Inc PM5366 Datasheet HTML 124Page - PMC-Sierra, Inc PM5366 Datasheet HTML 125Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
109
The Tributary Mapper may optionally act as a time switch. When Time Switch
Enable is active, the association of Tributary Mapper VT Payloads to logical FIFO
data streams is software configurable. There are two pages in the time switch
configuration RAM. One page is software selectable to be the active page and
the other the stand-by page. The configuration in the active page is used to
associate outgoing VT Payloads to logical FIFOs. The stand-by page can be
programmed to the next switch configuration. Change of page selection is
synchronized to incoming stream frame boundaries. When Time Switch Enable
is inactive, the association of outgoing VT Payloads to logical FIFOs is fixed.
The TTMP outputs the STS-1, TUG3 in a STM-1/VC4 or STM-1/VC3 with the bit
asynchronous mapped T1s or E1s onto an internal bus for further processing by
the Transmit Tributary Payload Processor block.
9.31 Transmit Tributary Byte Synchronous Mapper
Each one of three Transmit Tributary Mapper blocks byte synchronously maps
up to 28 T1 or 21 E1 streams into an STS-1 SPE, TUG3 in a STM-1/VC4 or
STM-1/VC3 payload. The mapping is done inaccordance with ITU-T
Recommendation G.709 and ANSI T1.105.
Byte synchronous mapping is enabled on a per-tributary basis by setting the
ENBL bit through the Byte Synchronous Mapping Tributary Control RAM Indirect
Access Data register, by bypassing the transmit jitter attenuator by setting the
TJATBYP bit through theTJAT Indirect Channel Data register and by disabling
the egress VTPP pointer interpretation via the EPTRBYP or ETVTPTRDIS bits.
By default the T1/E1 framer inserts valid framing into the T1 ‘F’ bit and E1 TS0.
The T1 signaling received from the system interface is encoded into the
S1S2S3S4 bit positions. Signaling is also inserted into the robbed bit signaling
positions as enabled by the SIGC bits programmed through the TPCC Indirect
Channel Data registers. For E1, the signaling insertion is independent of the
mapping.
9.32 DS3 Mapper ADD Side (D3MA)
Each one of three DS3 Mapper ADD Side (D3MA) blocks maps a DS3 signal into
an STS-1 (STM-0/AU3) payload and compensate for any frequency differences
between the incoming DS3 serial bit rate (TICLK) and the available STS-1
(STM-0/AU3) SPE mapped payload capacity. The asynchronous DS3 mapping
consists of 9 rows every 125 µs (8 KHz). Each row contains 621 information bits,
5 stuff control bits, 1 stuff opportunity bit, and 2 overhead communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com