Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 125 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 125 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 121Page - PMC-Sierra, Inc PM5366 Datasheet HTML 122Page - PMC-Sierra, Inc PM5366 Datasheet HTML 123Page - PMC-Sierra, Inc PM5366 Datasheet HTML 124Page - PMC-Sierra, Inc PM5366 Datasheet HTML 125Page - PMC-Sierra, Inc PM5366 Datasheet HTML 126Page - PMC-Sierra, Inc PM5366 Datasheet HTML 127Page - PMC-Sierra, Inc PM5366 Datasheet HTML 128Page - PMC-Sierra, Inc PM5366 Datasheet HTML 129Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
113
Flexible Bandwidth Port may be output. The SBI Bus Data Formats section
provides the details of the mapping formats.
Links inserted into the SBI bus can be synchronous to the SBI bus (by setting
SYNCH_TRIB=1 in the INSBI Control RAM) or timed from the upstream data
source via the sonet/sdh mapper, M13, or DS3/E3 framer. When SYNCH_TRIB
is logic 0, the INSBI makes link rate adjustments by adding or deleting an extra
byte of data over a 500
µS interval based on buffer fill levels. Timing
adjustments are detected by the receiving SBI interface by explicit signals in the
SBI bus structure. When SYNCH_TRIB is logic 1, the tributary is “locked” in
which no timing adjustments are allowed. The frame slip buffer (ELST) must be
in the datapath in “locked” mode.
The INSBI always sends valid link rate information across the SBI Drop bus,
which contains both ClkRate(1:0) and Phase(3:0) field information. this gives an
external device receiving data from the INSBI three methods of creating a
recovered link clock: the ClkRate field, the Phase field, or just the rate of data
flow across the SBI drop bus. INSBI does not generate the Phase field for
DS3/E3 tribs.
For byte synchronous mapping applications, channelized T1s inserted into the
SBI bus optionally have the channel associated signaling (CAS) bits explicitly
defined and carried in parallel with the DS0s or timeslots.
9.35 Flexible Bandwidth Ports
Three Flexible Bandwidth Ports are provided to supply arbitary bandwidth signals
to the SBI bus. Each port is associated with one SPE on the SBI bus and may
carry up to the capacity of the SPE (49.5 Mbit/s).
In the ingress direction, data is presented as a three wire interface: a clock of up
to 51.84 MHz, bit serial data and an enable. No flow control is provided, so the
average data rate must be less than 49.5 Mbit/s.
In the egress direction, a simple handshake controls the data flow. For each
cycle that the EFBWDREQ[n] input is high, a bit may be output on the
EFBWDAT[n] output. The data is supplied from the SBI bus FIFO, which will be
kept half full through the SAJUST_REQ asserts as required.
9.36 JTAG Test Access Port
The JTAG Test Access Port block provides JTAG support for boundary scan.
The standard JTAG EXTEST, SAMPLE, BYPASS, IDCODE and STCTEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com