Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 124Page - PMC-Sierra, Inc PM5366 Datasheet HTML 125Page - PMC-Sierra, Inc PM5366 Datasheet HTML 126Page - PMC-Sierra, Inc PM5366 Datasheet HTML 127Page - PMC-Sierra, Inc PM5366 Datasheet HTML 128Page - PMC-Sierra, Inc PM5366 Datasheet HTML 129Page - PMC-Sierra, Inc PM5366 Datasheet HTML 130Page - PMC-Sierra, Inc PM5366 Datasheet HTML 131Page - PMC-Sierra, Inc PM5366 Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
116
Address
Register
0x000C
Master H-MVIP Interface Configuration
0x000D
Master Clock Monitor #1
0x0010
Master Interrupt Source
0x0011
Master Interrupt Source T1E1
0x0012
Master Interrupt Source SDH #1
0x0013
Master Interrupt Source SDH #2
0x0014
Master Interrupt Source SDH #3
0x0015
Master Interrupt Source SBI
0x0016
Master Interrupt Source DS3/E3 #1
0x0017
Master Interrupt Source DS2 #1
0x0018
Master Interrupt Source MX12 #1
0x0019
Master Interrupt Source DS3/E3 #2
0x001A
Master Interrupt Source DS2 #2
0x001B
Master Interrupt Source MX12 #2
0x001C
Master Interrupt Source DS3/E3 #3
0x001D
Master Interrupt Source DS2 #3
0x001E
Master Interrupt Source MX12 #3
0x0020
Master SBIDET0 Collision Detect LSB
0x0021
Master SBIDET0 Collision Detect MSB
0x0022
Master SBIDET1 Collision Detect LSB
0x0023
Master SBIDET1 Collision Detect MSB
0x0040
T1/E1 Master Configuration
0x0048
RJAT Indirect Status
0x0049
RJAT Indirect Channel Address Register
0x004A
RJAT Indirect Channel Data Register
0x004C
TJAT Indirect Status
0x004D
TJAT Indirect Channel Address Register
0x004E
TJAT Indirect Channel Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com