Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 141 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 141 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 137Page - PMC-Sierra, Inc PM5366 Datasheet HTML 138Page - PMC-Sierra, Inc PM5366 Datasheet HTML 139Page - PMC-Sierra, Inc PM5366 Datasheet HTML 140Page - PMC-Sierra, Inc PM5366 Datasheet HTML 141Page - PMC-Sierra, Inc PM5366 Datasheet HTML 142Page - PMC-Sierra, Inc PM5366 Datasheet HTML 143Page - PMC-Sierra, Inc PM5366 Datasheet HTML 144Page - PMC-Sierra, Inc PM5366 Datasheet HTML 145Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
129
Address
Register
0x0A47, 0x0A4F,
0x0A57, 0x0A5F,
0x0A67, 0x0A6F,
0x0A77
RTOP, TU #2 in TUG2 #1 to TUG2 #7, FEBE Error
Count MSB
0x0A78
RTOP, TU #2 in TUG2 #1 to TUG2 #7, COPSL
Interrupt
0x0A79
RTOP, TU #2 in TUG2 #1 to TUG2 #7, PSLM
Interrupt
0x0A7A
RTOP, TU #2 in TUG2 #1 to TUG2 #7, PSLU
Interrupt
0x0A7B
RTOP, TU #2 in TUG2 #1 to TUG2 #7, RDI Interrupt
0x0A7C
RTOP, TU #2 in TUG2 #1 to TUG2 #7, RFI Interrupt
0x0A7D
RTOP, TU #2 in TUG2 #1 to TUG2 #7, Inband Error
Reporting Configuration
0x0A80, 0x0A88,
0x0A90, 0x0A98,
0x0AA0, 0x0AA8,
0x0AB0
RTOP, TU #3 in TUG2 #1 to TUG2 #7, Configuration
0x0A81, 0x0A89,
0x0A91, 0x0A99,
0x0AA1, 0x0AA9,
0x0AB1
RTOP, TU #3 in TUG2 #1 to TUG2 #7, Configuration
and Alarm Status
0x0A82, 0x0A8A,
0x0A92, 0x0A9A,
0x0AA2, 0x0AAA,
0x0AB2
RTOP, TU #3 in TUG2 #1 to TUG2 #7, Expected
Path Signal Label
0x0A83, 0x0A8B,
0x0A93, 0x0A9B,
0x0AA3, 0x0AAB,
0x0AB3
RTOP, TU #3 in TUG2 #1 to TUG2 #7, Accepted
Path Signal Label
0x0A84, 0x0A8C,
0x0A94, 0x0A9C,
0x0AA4, 0x0AAC,
0x0AB4
RTOP, TU #3 in TUG2 #1 to TUG2 #7, BIP-2 Error
Count LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com