Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 145 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 145 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 141Page - PMC-Sierra, Inc PM5366 Datasheet HTML 142Page - PMC-Sierra, Inc PM5366 Datasheet HTML 143Page - PMC-Sierra, Inc PM5366 Datasheet HTML 144Page - PMC-Sierra, Inc PM5366 Datasheet HTML 145Page - PMC-Sierra, Inc PM5366 Datasheet HTML 146Page - PMC-Sierra, Inc PM5366 Datasheet HTML 147Page - PMC-Sierra, Inc PM5366 Datasheet HTML 148Page - PMC-Sierra, Inc PM5366 Datasheet HTML 149Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
133
Address
Register
0x0D47
TRAP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Egress AIS Control
0x0D48 - 0x0D4E
TRAP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Control
0x0D4F
TRAP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Egress AIS Control
0x0D50 - 0x0D56
TRAP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Control
0x0D57
TRAP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Egress AIS Control
0x0D58 - 0x0D5E
TRAP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Control
0x0D5F
TRAP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Egress AIS Control
0x0D60
TRAP Indirect Remote Alarm Page Address
0x0D61
TRAP Indirect Remote Alarm Tributary Address
0x0D62
TRAP Indirect Datapath Tributary Data
0x0D63
TRAP RDI Control
0x0D68
TRAP Remote Parallel Alarm Port TUG2 #1 of
TUG3 #1 Configuration
0x0D69- 0x0D6E
TRAP Remote Parallel Alarm Port TUG2 #2 to
TUG2 #7 of TUG3 #1 Configuration
0x0D70 - 0x0D76
TRAP Remote Parallel Alarm Port TUG2 #1 to
TUG2 #7 of TUG3 #2 Configuration
0x0D78 - 0x0D7E
TRAP Remote Parallel Alarm Port TUG2 #1 to
TUG2 #7 of TUG3 #3 Configuration
0x0D80
TTOP TU #1 in TUG2 #1 of TUG3 #1, Control
0x0D81 - 0x0D86
TTOP TU #1 in TUG2 #2 to TUG2 #7 of TUG3 #1,
Control
0x0D87
TTOP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #1
BIP Diagnostic Control
0x0D88 - 0x0D8E
TTOP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com