Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 146 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 146 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 142Page - PMC-Sierra, Inc PM5366 Datasheet HTML 143Page - PMC-Sierra, Inc PM5366 Datasheet HTML 144Page - PMC-Sierra, Inc PM5366 Datasheet HTML 145Page - PMC-Sierra, Inc PM5366 Datasheet HTML 146Page - PMC-Sierra, Inc PM5366 Datasheet HTML 147Page - PMC-Sierra, Inc PM5366 Datasheet HTML 148Page - PMC-Sierra, Inc PM5366 Datasheet HTML 149Page - PMC-Sierra, Inc PM5366 Datasheet HTML 150Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
134
Address
Register
0x0D8F
TTOP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #1
BIP Diagnostic Control
0x0D90 - 0x0D96
TTOP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Control
0x0D97
TTOP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #1,
BIP Diagnostic Control
0x0D98 - 0x0D9E
TTOP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #1,
Control
0x0D9F
TTOP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #1,
BIP Diagnostic Control
0x0DA0 - 0x0DA6
TTOP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Control
0x0DA7
TTOP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #2,
BIP Diagnostic Control
0x0DA8 - 0x0DAE
TTOP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Control
0x0DAF
TTOP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #2,
BIP Diagnostic Control
0x0DB0 - 0x0DB6
TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #2, Control
0x0DB7
TTOP TU #3 in TUG2 #1 to TUG2 #7 of TUG3 #2,
BIP Diagnostic Control
0x0DB8 - 0x0DBE
TTOP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #2,
Control
0x0DBF
TTOP TU #4 in TUG2 #1 to TUG2 #7 of TUG3 #2,
BIP Diagnostic Control
0x0DC0 - 0x0DC6
TTOP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Control
0x0DC7
TTOP TU #1 in TUG2 #1 to TUG2 #7 of TUG3 #3,
BIP Diagnostic Control
0x0DC8 - 0x0DCE TTOP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #3,
Control
0x0DCF
TTOP TU #2 in TUG2 #1 to TUG2 #7 of TUG3 #3,
BIP Diagnostic Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com