Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 180 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 180 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 176Page - PMC-Sierra, Inc PM5366 Datasheet HTML 177Page - PMC-Sierra, Inc PM5366 Datasheet HTML 178Page - PMC-Sierra, Inc PM5366 Datasheet HTML 179Page - PMC-Sierra, Inc PM5366 Datasheet HTML 180Page - PMC-Sierra, Inc PM5366 Datasheet HTML 181Page - PMC-Sierra, Inc PM5366 Datasheet HTML 182Page - PMC-Sierra, Inc PM5366 Datasheet HTML 183Page - PMC-Sierra, Inc PM5366 Datasheet HTML 184Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
168
the processing required at each point is described in the following paragraphs.
The actual interrupt signal, INTB, is active low and will be the inverse of the INT
signal shown in Figure 19. Also in this example, the programmable fill level set
point is set at 8 bytes by writing this value into the INTC[6:0] bits of the RDLC
Interrupt Control register.
At points 1 and 5 the first flag after all ones or abort is detected. A dummy byte
is written in the FIFO, FE goes low, and an interrupt goes active. When the
interrupt is detected by the processor it reads the dummy byte, the FIFO
becomes empty, and the interrupt is removed. The LINK ACTIVE (LA) software
flag is set to logic 1.
At points 2 and 6 the last byte of a packet is detected and interrupt goes high.
When the interrupt is detected by the processor, it reads the data and status
registers until the FIFO becomes empty. The interrupt is removed as soon as
the RDLC Status register is read, since the FIFO fill level of 8 bytes has not been
exceeded. It is possible to store many packets in the FIFO and empty the FIFO
when the FIFO fill level is exceeded. In either case the processor should use
this interrupt to count the number of packets written into the FIFO. The packet
count or a software time-out can be used as a signal to empty the FIFO.
At point 3 the FIFO fill level of 8 bytes is exceeded and interrupt goes high.
When the interrupt is detected by the processor it must read the data and status
registers until the FIFO becomes empty and the interrupt is removed.
At points 4 or 7 an abort character is detected, a dummy byte is written into the
FIFO, and interrupt goes high. When the interrupt is detected by the processor it
must read the data and status registers until the FIFO becomes empty and the
interrupt is removed. The LINK ACTIVE software flag is cleared.
12.8 T1/E1 Loopback Modes
The TEMAP-84 provides two loopback modes for T1/E1 links to aid in network
and system diagnostics. The internal T1/E1 line loopback can be initiated at any
time via the µP interface, but is usually initiated once an inband loopback
activate code is detected. The system Diagnostic Digital loopback can be
initiated at any time by the system via the µP interface to check the path of
system data through the framer.
T1/E1 Line Loopback
T1/E1 Line loopback is initiated by setting the LLOOP bit to a 1 through the TJAT
Indirect Channel Data register. When in line loopback mode, the appropriate
tributary in the TEMAP-84 is configured to internally connect the jitter-attenuated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com