Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 178 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 178 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 174Page - PMC-Sierra, Inc PM5366 Datasheet HTML 175Page - PMC-Sierra, Inc PM5366 Datasheet HTML 176Page - PMC-Sierra, Inc PM5366 Datasheet HTML 177Page - PMC-Sierra, Inc PM5366 Datasheet HTML 178Page - PMC-Sierra, Inc PM5366 Datasheet HTML 179Page - PMC-Sierra, Inc PM5366 Datasheet HTML 180Page - PMC-Sierra, Inc PM5366 Datasheet HTML 181Page - PMC-Sierra, Inc PM5366 Datasheet HTML 182Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
166
software flag. If the EMPTY FIFO software flag is not set, FIFO emptying will
delayed until the FIFO fill level is exceeded.
5. Read the RDLC Data register.
6. Read the RDLC Status register.
7. If OVR = 1, then discard last frame and go to step 1. Overrun causes a reset
of FIFO pointers. Any packets that may have been in the FIFO are lost.
8. If COLS = 1, then set the EMPTY FIFO software flag.
9. If PKIN = 1, increment the PACKET COUNT. If the FIFO is desired to be
emptied as soon as a complete packet is received, set the EMPTY FIFO
software flag. If the EMPTY FIFO software flag is not set, FIFO emptying will
delayed until the FIFO fill level is exceeded.
10.Start the processing of FIFO data. Use the PBS[2:0] packet byte status bits
to decide what is to be done with the FIFO data.
If PBS[2:0] = 001, discard data byte read in step 5 and set the LINK ACTIVE
software flag.
If PBS[2:0] = 010, discard the data byte read in step 5 and clear the LINK
ACTIVE software flag.
If PBS[2:0] = 1XX, store the last byte of the packet, decrement the PACKET
COUNT, and check the PBS[1:0] bits for CRC or NVB errors before deciding
whether or not to keep the packet.
If PBS[2:0] = 000, store the packet data.
11.If FE = 0 and INTR = 1 or FE = 0 and EMPTY FIFO = 1, go to step 5 else
clear the EMPTY FIFO software flag and leave this interrupt service routine to
wait for the next interrupt.
The link state is typically a local software variable. The link state is inactive if the
RDLC is receiving all ones or receiving bit-oriented codes which contain a
sequence of eight ones. The link state is active if the RDLC is receiving flags or
data.
If the RDLC data transfer is operating in the polled mode, processor operation is
exactly as shown above for the interrupt driven mode, except that the entry to the
service routine is from a timer, rather than an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com