Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 174 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 174 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 170Page - PMC-Sierra, Inc PM5366 Datasheet HTML 171Page - PMC-Sierra, Inc PM5366 Datasheet HTML 172Page - PMC-Sierra, Inc PM5366 Datasheet HTML 173Page - PMC-Sierra, Inc PM5366 Datasheet HTML 174Page - PMC-Sierra, Inc PM5366 Datasheet HTML 175Page - PMC-Sierra, Inc PM5366 Datasheet HTML 176Page - PMC-Sierra, Inc PM5366 Datasheet HTML 177Page - PMC-Sierra, Inc PM5366 Datasheet HTML 178Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
162
warning of an underrun is given. The FULLE, LFILLE, OVRE, and UDRE bits
are all set to logic 1 so an interrupt on INTB is generated upon detection of a
FIFO full state, a FIFO depth below the lower limit threshold, a FIFO overrun, or
a FIFO underrun. The following procedure should be followed to transmit HDLC
packets:
1. Wait for a complete packet to be transmitted. Once data is available to be
transmitted, then go to step 2.
2. Write the data byte to the TDPR Transmit Data register.
3. If all bytes of the packet have been written to the Transmit Data register, then
set the EOM bit in the TDPR Configuration register to logic 1. Go to step 1.
4. If there are more bytes in the packet to be sent, then go to step 2.
While performing steps 1 to 4, the processor should monitor for interrupts
generated by the TDPR. When an interrupt is detected, the TDPR Interrupt
Routine detailed in the following text should be followed immediately.
The TDPR will force transmission of the packet information when the FIFO depth
exceeds the threshold programmed with the UTHR[6:0] bits in the TDPR Upper
Transmit Threshold register. Unless an error condition occurs, transmission will
not stop until the last byte of all complete packets is transmitted and the FIFO
depth is at or below the threshold limit. The user should watch the FULLI and
LFILLI interrupts to prevent overruns and underruns.
TDPR Interrupt Routine:
Upon assertion of INTB, the source of the interrupt must first be identified by
reading the TEMAP-84 Master Interrupt Source register (0020H) followed by
reading one of the second level master interrupt source registers T1E1INT1,
T1E1INT2, T1E1INT3, T1E1INT4 or DS3INT. Once the source of the interrupt
has been identified as the TDPR in use, then the following procedure should be
carried out:
1. Read the TDPR Interrupt Status register.
2. If UDRI=1, then the FIFO has underrun and the last packet transmitted has
been corrupted and needs to be retransmitted. When the UDRI bit transitions
to logic 1, one Abort sequence and continuous flags will be transmitted. The
TDPR FIFO is held in reset state. To re-enable the TDPR FIFO and to clear
the underrun, the TDPR Interrupt Status/UDR Clear register should be written
with any value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com