Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 171 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 171 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 167Page - PMC-Sierra, Inc PM5366 Datasheet HTML 168Page - PMC-Sierra, Inc PM5366 Datasheet HTML 169Page - PMC-Sierra, Inc PM5366 Datasheet HTML 170Page - PMC-Sierra, Inc PM5366 Datasheet HTML 171Page - PMC-Sierra, Inc PM5366 Datasheet HTML 172Page - PMC-Sierra, Inc PM5366 Datasheet HTML 173Page - PMC-Sierra, Inc PM5366 Datasheet HTML 174Page - PMC-Sierra, Inc PM5366 Datasheet HTML 175Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
159
Figure 14
- CRCE Count vs. BER (E1 mode)
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
0
200
400
600
800
1000
1200
CRCE
Figure 15 illustrates the expected count values for a range of Bit Error Ratios in
T1 mode.
Figure 15
- FER Count vs. BER (T1 ESF mode)
0
50
100
150
200
250
0
1
2
3
4
5
6
7
8
9
Average Count Over
Many 1 Second Intervals
Framing Bit Error Count Per Second
Since the maximum number of ESF superframes that can occur in one second is
333, the 9-bit BEE counter cannot saturate in one second in ESF framing format.
Despite this, there is not a linear relationship between BER and BEE count, due
to the nature of the CRC-6 calculation. At BERs below 10-4, there tends to be no
more than one bit error per superframe, so the number of CRC-6 errors is
generally equal to the number of bit errors, which is directly related to the BER.
However, at BERs above 10-4, each CRC-6 error is often due to more than one
bit error. Thus, the relationship between BER and BEE count becomes non-
linear above a 10-4 BER. This must be taken into account when using ESF
CRC-6 counts to determine the BER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com