Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 168 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 168 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 164Page - PMC-Sierra, Inc PM5366 Datasheet HTML 165Page - PMC-Sierra, Inc PM5366 Datasheet HTML 166Page - PMC-Sierra, Inc PM5366 Datasheet HTML 167Page - PMC-Sierra, Inc PM5366 Datasheet HTML 168Page - PMC-Sierra, Inc PM5366 Datasheet HTML 169Page - PMC-Sierra, Inc PM5366 Datasheet HTML 170Page - PMC-Sierra, Inc PM5366 Datasheet HTML 171Page - PMC-Sierra, Inc PM5366 Datasheet HTML 172Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
156
Count registers respectively. The path maintenance datalink signal is
extracted by theDS3 RDLC HDLC receiver (if enabled).
12.4 Servicing Interrupts
The TEMAP-84 will assert INTB to logic 0 when a condition which is configured
to produce an interrupt occurs. To find which condition caused this interrupt to
occur, the procedure outlined below should be followed:
1. Read the bits of the TEMAP-84 Master Interrupt Source register (0x0010) to
identify which of the 14 interrupt registers (0x0011-0x001E) needs to be read
to identify the interrupt. For example, a logic one read in the DS3E3INT
register bit indicates that an interrupt identified in one of the three Master
Interrupt Source DS3/E3 registers produced the interrupt.
2. Read the bits of the second level Master Interrupt Source register to identify
the interrupt source.
3. Service the interrupt by reading the register containing the interrupt status bit
that is asserted.
4. If the INTB pin is still logic 0, then there are still interrupts to be serviced.
Otherwise, all interrupts have been serviced. Wait for the next assertion of
INTB
12.5 Using the Performance Monitoring Features
The counters in the DS3 PMON block has been sized as not to saturate if polled
every second. The T1/E1 PMON event counters are of sufficient length so that
the probability of counter saturation over a one second interval is very small (less
than 0.001%).
An accumulation interval is initiated by writing to one of the PMON event counter
register addresses or by writing to the Global PMON Update register. After
initiating an accumulation interval, 3.5 recovered clock periods (RCLK for the
DS3 PMON) must be allowed to elapse to permit the PMON counter values to be
properly transferred before the PMON registers may be read.
The odds of any one of the T1/E1 counters saturating during a one second
sampling interval go up as the bit error rate (BER) increases. At some point, the
probability of counter saturation reaches 50%. This point varies, depending
upon the framing format and the type of event being counted. The BER at which
the probability of counter saturation reaches 50% is shown for various counters
in Table 18 for E1 mode, and in Table 19 for T1 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com