Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 172 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 172 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 168Page - PMC-Sierra, Inc PM5366 Datasheet HTML 169Page - PMC-Sierra, Inc PM5366 Datasheet HTML 170Page - PMC-Sierra, Inc PM5366 Datasheet HTML 171Page - PMC-Sierra, Inc PM5366 Datasheet HTML 172Page - PMC-Sierra, Inc PM5366 Datasheet HTML 173Page - PMC-Sierra, Inc PM5366 Datasheet HTML 174Page - PMC-Sierra, Inc PM5366 Datasheet HTML 175Page - PMC-Sierra, Inc PM5366 Datasheet HTML 176Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
160
The bit error rate for T1 ESF can be calculated from the one-second PMON
CRCE count by the following equation:
Bit Error Rate = 1 - 10
ö
çç
ç
ç
ç
è
æ
÷ö
ç
è
æ −
193
*
24
8000
24
1
log
BEE
Figure 16
- CRCE Count vs. BER (T1 ESF mode)
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
0
50
100
150
200
250
300
350
CRCE
For T1 SF format, the CRCE and FER counts are identical, but the FER counter
is smaller and should be ignored.
Figure 17
- CRCE Count vs. BER (T1 SF mode)
0
2
4
6
8
10
12
14
16
0
200
400
600
800
1000
1200
Bit Error Event Count Per Second
Average Count Over
Many 1 Second Intervals
18
20
12.6 Using the Internal DS3 or E3 HDLC Transmitter
It is important to note that access rate to the TDPR registers is limited by the rate
of the internal DS3/E3 clock. Consecutive accesses to the TDPR Configuration,
TDPR Interrupt Status/UDR Clear, and TDPR Transmit Data register should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com