Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 175 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 175 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 171Page - PMC-Sierra, Inc PM5366 Datasheet HTML 172Page - PMC-Sierra, Inc PM5366 Datasheet HTML 173Page - PMC-Sierra, Inc PM5366 Datasheet HTML 174Page - PMC-Sierra, Inc PM5366 Datasheet HTML 175Page - PMC-Sierra, Inc PM5366 Datasheet HTML 176Page - PMC-Sierra, Inc PM5366 Datasheet HTML 177Page - PMC-Sierra, Inc PM5366 Datasheet HTML 178Page - PMC-Sierra, Inc PM5366 Datasheet HTML 179Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
163
3. If OVRI=1, then the FIFO has overflowed. The packet of which the last byte
written into the FIFO belongs to, has been corrupted and must be
retransmitted. Other packets in the FIFO are not affected. Either a timer can
be used to determine when sufficient bytes are available in the FIFO or the
user can wait until the LFILLI interrupt is set, indicating that the FIFO depth is
at the lower threshold limit.
If the FIFO overflows on the packet currently being transmitted (packet is
greater than 128 bytes long), OVRI is set, an Abort signal is scheduled to be
transmitted, the FIFO is emptied, and then flags are continuously sent until
there is data to be transmitted. The FIFO is held in reset until a write to the
TDPR Transmit Data register occurs. This write contains the first byte of the
next packet to be transmitted.
4. If FULLI=1 and FULL=1, then the TDPR FIFO is full and no further bytes can
be written. When in this state, either a timer can be used to determine when
sufficient bytes are available in the FIFO or the user can wait until the LFILLI
interrupt is set, indicating that the FIFO depth is at the lower threshold limit.
If FULLI=1 and FULL=0, then the TDPR FIFO had reached the FULL state
earlier, but has since emptied out some of its data bytes and now has space
available in its FIFO for more data.
5. If LFILLI=1 and BLFILL=1, then the TDPR FIFO depth is below its lower
threshold limit. If there is more data to transmit, then it should be written to
the TDPR Transmit Data register before an underrun occurs. If there is no
more data to transmit, then an EOM should be set at the end of the last
packet byte. Flags will then be transmitted once the last packet has been
transmitted.
If LFILLI=1 and BLFILL=0, then the TDPR FIFO had fallen below the lower-
threshold state earlier, but has since been refilled to a level above the lower-
threshold level.
Polling Mode:
The TDPR automatically transmits a packet once it is completely written into the
TDPR FIFO. The TDPR also begins transmission of bytes once the FIFO level
exceeds the programmable Upper Transmit Threshold. The CRC bit can be set
to logic 1 so that the FCS is generated and inserted at the end of a packet. The
TDPR Lower Interrupt Threshold should be set to such a value that sufficient
warning of an underrun is given. The FULLE, LFILLE, OVRE, and UDRE bits
are all set to logic 0 since packet transmission is set to work with a periodic
polling procedure. The following procedure should be followed to transmit HDLC
packets:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com