Electronic Components Datasheet Search
  English  ▼

X  

PM5366 Datasheet(PDF) 169 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 169 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 165Page - PMC-Sierra, Inc PM5366 Datasheet HTML 166Page - PMC-Sierra, Inc PM5366 Datasheet HTML 167Page - PMC-Sierra, Inc PM5366 Datasheet HTML 168Page - PMC-Sierra, Inc PM5366 Datasheet HTML 169Page - PMC-Sierra, Inc PM5366 Datasheet HTML 170Page - PMC-Sierra, Inc PM5366 Datasheet HTML 171Page - PMC-Sierra, Inc PM5366 Datasheet HTML 172Page - PMC-Sierra, Inc PM5366 Datasheet HTML 173Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
157
Table 18
- PMON Counter Saturation Limits (E1 mode)
Counter
BER
FER
4.0 X 10-3
CRCE
cannot saturate
FEBE
cannot saturate
Table 19
- PMON Counter Saturation Limits (T1 mode)
Counter
Format
BER
FER
SF
1.6 x 10-3
ESF
6.4 x 10-2
CRCE
SF
1.28 x 10-1
ESF
cannot saturate
Below these 50% points, the relationship between the BER and the counter
event count (averaged over many one second samples) is essentially linear.
Above the 50% point, the relationship between BER and the average counter
event count is highly non-linear due to the likelihood of counter saturation. The
following figures show this relationship for various counters and framing formats.
These graphs can be used to determine the BER, given the average event
count. In general, if the BER is above 10-3, the average counter event count
cannot be used to determine the BER without considering the statistical effect of
occasional counter saturation.
Figure 13 illustrates the expected count values for a range of Bit Error Ratios in
E1 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com