Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 114 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 114 Page - Texas Instruments

Back Button AM69 Datasheet HTML 110Page - Texas Instruments AM69 Datasheet HTML 111Page - Texas Instruments AM69 Datasheet HTML 112Page - Texas Instruments AM69 Datasheet HTML 113Page - Texas Instruments AM69 Datasheet HTML 114Page - Texas Instruments AM69 Datasheet HTML 115Page - Texas Instruments AM69 Datasheet HTML 116Page - Texas Instruments AM69 Datasheet HTML 117Page - Texas Instruments AM69 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 312 page
background image
Table 5-81. EPWM4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
EHRPWM4_A
IO
EHRPWM Output A
AB34, AJ36, AM36
F29, L33, W31
EHRPWM4_B
IO
EHRPWM Output B
AH37
F33
Table 5-82. EPWM5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
EHRPWM5_A
IO
EHRPWM Output A
AB38, AG38
D33, H30
EHRPWM5_B
IO
EHRPWM Output B
AK34
J32
5.3.16 USB
5.3.16.1 MAIN Domain
Table 5-83. USB0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
USB0_DM
IO
USB 2.0 Differential Data (negative)
AP16
AH16
USB0_DP
IO
USB 2.0 Differential Data (positive)
AP17
AH17
USB0_DRVVBUS
O
USB VBUS Control Output (active high)
AE35, AL32, AN37
M31, P32, W30
USB0_ID
A
USB 2.0 Dual-Role Device Role Select
AN17
AH20
USB0_RCALIB (1)
A
Pin to connect to calibration resistor
AN18
AH22
USB0_VBUS (2)
A
USB Level-shifted VBUS Detector
AN15
AG19
USB0_SSRX1N
I
SERDES_USB Differential Receive Data
(negative)
AR11, AR17
AK23, AN15
USB0_SSRX1P
I
SERDES_USB Differential Receive Data
(positive)
AR12, AR18
AK24, AN14
USB0_SSRX2N
I
SERDES_USB Differential Receive Data
(negative)
AU11, AU17
AL17, AM21
USB0_SSRX2P
I
SERDES_USB Differential Receive Data
(positive)
AU12, AU18
AL16, AM22
USB0_SSTX1N
O
SERDES_USB Differential Transmit Data
(negative)
AT16, AV9
AM16, AN20
USB0_SSTX1P
O
SERDES_USB Differential Transmit Data
(positive)
AT17, AV10
AM15, AN21
USB0_SSTX2N
O
SERDES_USB Differential Transmit Data
(negative)
AV12, AV18
AK18, AL22
USB0_SSTX2P
O
SERDES_USB Differential Transmit Data
(positive)
AV13, AV19
AK17, AL23
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see USB VBUS Design
Guidelines.
5.3.17 Display Port
5.3.17.1 MAIN Domain
Table 5-84. DP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
DP0_AUXN
IO
Display Port Differential Auxiliary Data
(negative)
AP22
AJ25
DP0_AUXP
IO
Display Port Differential Auxiliary Data
(positive)
AP23
AJ24
DP0_HPD
I
Display Port Hot Plug Detection
AC34, AG33, AM37
R33, U32, Y33
DP0_TXN0
O
Display Port Differential Transmit (negative)
AP13
AJ21
DP0_TXN1
O
Display Port Differential Transmit (negative)
AT13
AM18
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
114
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com