Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 117 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM69 Datasheet HTML 113Page - Texas Instruments AM69 Datasheet HTML 114Page - Texas Instruments AM69 Datasheet HTML 115Page - Texas Instruments AM69 Datasheet HTML 116Page - Texas Instruments AM69 Datasheet HTML 117Page - Texas Instruments AM69 Datasheet HTML 118Page - Texas Instruments AM69 Datasheet HTML 119Page - Texas Instruments AM69 Datasheet HTML 120Page - Texas Instruments AM69 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 312 page
background image
Table 5-85. PCIE Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
PCIE3_TXN1
O
SERDES_PCIE Differential Transmit Data
(negative)
AV12
AK18
PCIE3_TXP0
O
SERDES_PCIE Differential Transmit Data
(positive)
AV10
AM15
PCIE3_TXP1
O
SERDES_PCIE Differential Transmit Data
(positive)
AV13
AK17
PCIE_REFCLK0_N_OUT
O
SERDES_PCIE Reference Clock Negative
AP4
AJ13
PCIE_REFCLK0_P_OUT
O
SERDES_PCIE Reference Clock Positive
AP5
AJ12
PCIE_REFCLK1_N_OUT
O
SERDES_PCIE Reference Clock Out
Negative
AN8
AH14
PCIE_REFCLK1_P_OUT
O
SERDES_PCIE Reference Clock Out
Positive
AN9
AH13
PCIE_REFCLK2_N_OUT
O
SERDES_PCIE Reference Clock Out
Negative
AN5
AH11
PCIE_REFCLK2_P_OUT
O
SERDES_PCIE Reference Clock Out
Positive
AN6
AH10
PCIE_REFCLK3_N_OUT
O
SERDES_PCIE Reference Clock Out
Negative
AP7
AJ16
PCIE_REFCLK3_P_OUT
O
SERDES_PCIE Reference Clock Out
Positive
AP8
AJ15
5.3.19 SERDES
5.3.19.1 MAIN Domain
Table 5-86. SERDES0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SERDES0_REFCLK_N
IO
Serdes Reference Clock Input/Output
(negative)
AU9
AK15
SERDES0_REFCLK_P
IO
Serdes Reference Clock Input/Output
(positive)
AU8
AK14
SERDES0_REXT (1)
I
External Calibration Resistor
AN11
AG7
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 5-87. SERDES1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SERDES1_REFCLK_N
IO
Serdes Reference Clock Input/Output
(negative)
AV3
AN5
SERDES1_REFCLK_P
IO
Serdes Reference Clock Input/Output
(positive)
AV4
AN6
SERDES1_REXT (1)
I
External Calibration Resistor
AL9
AH9
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 5-88. SERDES2 Signal Descriptions
SIGNAL NAME [1] ((2))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SERDES2_REFCLK_N
IO
Serdes Reference Clock Input/Output
(negative)
AV21
SERDES2_REFCLK_P
IO
Serdes Reference Clock Input/Output
(positive)
AV22
SERDES2_REXT (1)
IO
External Calibration Resistor
AL20
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
DDRSS2, DDRSS3, and SERDES2 are not available on the 27mm package variant of this SoC. DDRSS2/DDRSS3/SERDES2 should
be avoided if software compatibility is desired with systems that use the 27mm package.
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
117
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com