Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 121 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 121 Page - Texas Instruments

Back Button AM69 Datasheet HTML 117Page - Texas Instruments AM69 Datasheet HTML 118Page - Texas Instruments AM69 Datasheet HTML 119Page - Texas Instruments AM69 Datasheet HTML 120Page - Texas Instruments AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 312 page
background image
Table 5-96. MCASP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCASP1_ACLKR
IO
MCASP Receive Bit Clock
AG38
H30
MCASP1_ACLKX
IO
MCASP Transmit Bit Clock
AC34
U32
MCASP1_AFSR
IO
MCASP Receive Frame Sync
AF36
K33
MCASP1_AFSX
IO
MCASP Transmit Frame Sync
AD33
N32
MCASP1_AXR0
IO
MCASP Serial Data (Input/Output)
AD38
H29
MCASP1_AXR1
IO
MCASP Serial Data (Input/Output)
AC32
G31
MCASP1_AXR2
IO
MCASP Serial Data (Input/Output)
AC37
J31
MCASP1_AXR3
IO
MCASP Serial Data (Input/Output)
AL33
P31
MCASP1_AXR4
IO
MCASP Serial Data (Input/Output)
AL34
N31
Table 5-97. MCASP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCASP2_ACLKR
IO
MCASP Receive Bit Clock
AD34
M32
MCASP2_ACLKX
IO
MCASP Transmit Bit Clock
AD37
P33
MCASP2_AFSR
IO
MCASP Receive Frame Sync
AJ36
L33
MCASP2_AFSX
IO
MCASP Transmit Frame Sync
AE37
G32
MCASP2_AXR0
IO
MCASP Serial Data (Input/Output)
AC36
K32
MCASP2_AXR1
IO
MCASP Serial Data (Input/Output)
AE36
R32
MCASP2_AXR2
IO
MCASP Serial Data (Input/Output)
AF38
N33
MCASP2_AXR3
IO
MCASP Serial Data (Input/Output)
AC33
G28
MCASP2_AXR4
IO
MCASP Serial Data (Input/Output)
AF34
U31
Table 5-98. MCASP3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCASP3_ACLKR
IO
MCASP Receive Bit Clock
AM37
Y33
MCASP3_ACLKX
IO
MCASP Transmit Bit Clock
AM37
Y33
MCASP3_AFSR
IO
MCASP Receive Frame Sync
AP38
Y32
MCASP3_AFSX
IO
MCASP Transmit Frame Sync
AP38
Y32
MCASP3_AXR0
IO
MCASP Serial Data (Input/Output)
AN38
V31
MCASP3_AXR1
IO
MCASP Serial Data (Input/Output)
AM35
V30
MCASP3_AXR2
IO
MCASP Serial Data (Input/Output)
AM36
W31
Table 5-99. MCASP4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCASP4_ACLKR
IO
MCASP Receive Bit Clock
AE35
M31
MCASP4_ACLKX
IO
MCASP Transmit Bit Clock
AJ32
J33
MCASP4_AFSR
IO
MCASP Receive Frame Sync
AC35
N30
MCASP4_AFSX
IO
MCASP Transmit Frame Sync
AJ37
G33
MCASP4_AXR0
IO
MCASP Serial Data (Input/Output)
AJ34
T30
MCASP4_AXR1
IO
MCASP Serial Data (Input/Output)
AE38
G29
MCASP4_AXR2
IO
MCASP Serial Data (Input/Output)
AD36
L31
MCASP4_AXR3
IO
MCASP Serial Data (Input/Output)
AH38
H31
MCASP4_AXR4
IO
MCASPI Serial Data (Input/Output)
AG35
T33
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
121
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com