Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 123 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 123 Page - Texas Instruments

Back Button AM69 Datasheet HTML 119Page - Texas Instruments AM69 Datasheet HTML 120Page - Texas Instruments AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 312 page
background image
Table 5-102. CPTS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push 1
AD36
L31
CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push 2
AJ32
J33
5.3.24.2 MCU Domain
Table 5-103. MCU_CPTS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_CPTS0_RFT_CLK
I
CPTS Reference Clock
L33, M33
A20, B18
MCU_CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare
L34
A15
MCU_CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit
L35
B19
MCU_CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push 1
L37
B15
MCU_CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push 2
L36
B17
5.3.25 DSS
5.3.25.1 MAIN Domain
Table 5-104. DSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
DSS_FSYNC0
O
Video Output Frame Sync
AG36, AJ37
G33, P29
DSS_FSYNC1
O
Video Output Frame Sync
AJ33, AJ34
T29, T30
DSS_FSYNC2
O
Video Output Frame Sync
AF33, AF35
P30, T31
DSS_FSYNC3
O
Video Output Frame Sync
AD34, AH33
M32, T32
VOUT0_DE
O
Video Output Data Enable
AG38
H30
VOUT0_EXTPCLKIN
I
Video Output External Pixel Clock Input
AJ37
G33
VOUT0_HSYNC
O
Video Output Horizontal Sync
AK34
J32
VOUT0_PCLK
O
Video Output Pixel Clock Output
AH37
F33
VOUT0_VSYNC
O
Video Output Vertical Sync
AF36
K33
VOUT0_DATA0
O
Video Output Data 0
AC33
G28
VOUT0_DATA1
O
Video Output Data 1
AH38
H31
VOUT0_DATA2
O
Video Output Data 2
AJ38
F31
VOUT0_DATA3
O
Video Output Data 3
AE38
G29
VOUT0_DATA4
O
Video Output Data 4
AF38
N33
VOUT0_DATA5
O
Video Output Data 5
AE36
R32
VOUT0_DATA6
O
Video Output Data 6
AC36
K32
VOUT0_DATA7
O
Video Output Data 7
AE37
G32
VOUT0_DATA8
O
Video Output Data 8
AD37
P33
VOUT0_DATA9
O
Video Output Data 9
AC37
J31
VOUT0_DATA10
O
Video Output Data 10
AC32
G31
VOUT0_DATA11
O
Video Output Data 11
AK33
H33
VOUT0_DATA12
O
Video Output Data 12
AG37
H32
VOUT0_DATA13
O
Video Output Data 13
AF37
F32
VOUT0_DATA14
O
Video Output Data 14
AK38
K31
VOUT0_DATA15
O
Video Output Data 15
AK35
J30
VOUT0_DATA16
O
Video Output Data 16
AJ32
J33
VOUT0_DATA17
O
Video Output Data 17
AK37
E33
VOUT0_DATA18
O
Video Output Data 18
AC33, AL32
G28, P32
VOUT0_DATA19
O
Video Output Data 19
AE33, AH38
H31, U30
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
123
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com