Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 125 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments AM69 Datasheet HTML 128Page - Texas Instruments AM69 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 312 page
background image
Table 5-105. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
GPMC0_A9
OZ
GPMC Address 9 Output in A/D non-
multiplexed mode and Address 25 in A/D
multiplexed mode
AL33
P31
GPMC0_A10
OZ
GPMC Address 10 Output in A/D non-
multiplexed mode and Address 26 in A/D
multiplexed mode
AL34
N31
GPMC0_A11
OZ
GPMC Address 11 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AC34
U32
GPMC0_A12
OZ
GPMC Address 12 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AD33
N32
GPMC0_A13
OZ
GPMC Address 13 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AD38
H29
GPMC0_A14
OZ
GPMC Address 14 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AE35, AL32
M31, P32
GPMC0_A15
OZ
GPMC Address 15 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AE33
U30
GPMC0_A16
OZ
GPMC Address 16 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AH34
G30
GPMC0_A17
OZ
GPMC Address 17 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AJ35
R31
GPMC0_A18
OZ
GPMC Address 18 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AG34
R29
GPMC0_A19
OZ
GPMC Address 19 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AK36
R30
GPMC0_A20
OZ
GPMC Address 20 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AG33
R33
GPMC0_A21
OZ
GPMC Address 21 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AH33
T32
GPMC0_A22
OZ
GPMC Address 22 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AF33
T31
GPMC0_A23
OZ
GPMC Address 23 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AJ33
T29
GPMC0_A24
OZ
GPMC Address 24 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AG36
P29
GPMC0_AD0
IO
GPMC Data 0 Input/Output in A/D non-
multiplexed mode and additionally Address 1
Output in A/D multiplexed mode
AK35
J30
GPMC0_AD1
IO
GPMC Data 1 Input/Output in A/D non-
multiplexed mode and additionally Address 2
Output in A/D multiplexed mode
AK38
K31
GPMC0_AD2
IO
GPMC Data 2 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
AF37
F32
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
125
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com