Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 164 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 164 Page - Texas Instruments

Back Button AM69 Datasheet HTML 160Page - Texas Instruments AM69 Datasheet HTML 161Page - Texas Instruments AM69 Datasheet HTML 162Page - Texas Instruments AM69 Datasheet HTML 163Page - Texas Instruments AM69 Datasheet HTML 164Page - Texas Instruments AM69 Datasheet HTML 165Page - Texas Instruments AM69 Datasheet HTML 166Page - Texas Instruments AM69 Datasheet HTML 167Page - Texas Instruments AM69 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 312 page
background image
6.10.2.4 Isolated MCU and Main Domains Power- Up Sequencing
Isolated MCU and Main voltage domains enable an SoC’s MCU and Main processor sub-systems to operate
independently. There are 2 reasons an SoC’s PDN design may need to support independent MCU and Main
processor functionality. First is to provide flexibility to enable SoC low power modes that can significant reduce
SoC power dissipation when processor operations are not needed. Second is to enable robustness to gain
freedom from interference (FFI) of a single fault impacting both MCU and Main processor sub-systems which
is especially beneficial if using the SoC’s MCU as the system safety monitoring processor. The number of
additional PDN power rails needed is dependent upon number of different MCU IO signaling voltage levels. If
only 1.8V IO signaling is used, then only 2 additional power rails could be required. If both 1.8 and 3.3V IO
signaling is desired, then 4 additional power rails could be needed.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
164
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com