Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 162 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 162 Page - Texas Instruments

Back Button AM69 Datasheet HTML 158Page - Texas Instruments AM69 Datasheet HTML 159Page - Texas Instruments AM69 Datasheet HTML 160Page - Texas Instruments AM69 Datasheet HTML 161Page - Texas Instruments AM69 Datasheet HTML 162Page - Texas Instruments AM69 Datasheet HTML 163Page - Texas Instruments AM69 Datasheet HTML 164Page - Texas Instruments AM69 Datasheet HTML 165Page - Texas Instruments AM69 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 312 page
background image
6.10.2.3 Combined MCU and Main Domains Power- Down Sequencing
Figure 6-4 describes the device power-down sequencing.
J7VCL_ELCH_02
T0
T1
T2
T3
T4
VDD_CPU
MCU_PORz
(J)
OSC1_XI, OSC1_XO
(optional)
WKUP_LFOSC0_XI, WKUP_LFOSC0_XO
(optional)
WKUP_OSC0_XI, WKUP_OSC0_XO
VDDS_DDR_BIAS, VDDS_DDR, VDDS_DDR_C
MCU_BOOTMODE[9:0], BOOTMODE[7:0]
T
Δ1
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV2, VDDSHV5 ) , VDDA_3P3_USB
(D) (B)
(E)
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV2, VDDSHV5 ) ,VDDS_MMC0
(D) (C)
VDD_MCU , VDD_MCU_WAKE1, VDD_CORE,
(I)
VDD_WAKE0, VDDA_0P8_SERDES,
VDDA_0P8_SERDES_C, VDDA_0P8_USB,
VDDAR_CORE, VDDAR_CPU, VDDAR_MCU
(I)
VDDA_0P8_PLL_DDR, VDDA_0P8_DLL_MMC0
(H)
(VDDA_MCU_PLLGRP0, VDDA_MCU_TEMP, VDDA_ADC_MCU,
VDDA_POR_WKUP, VDDA_WKUP, VDDA_OSC1,
VDDA_PLLGRP8, VDDA_PLLGRP6,VDDA_PLLGRP4,
VDDA_PLLGRP0, VDDA_TEMP0, VDDA_TEMP1)
(F)
(VDDA_1P8_SERDES, VDDA_1P8_USB)
(G)
PORz
(J)
Valid Configuration
A.
Time stamp markers:
•
T0 – MCU_PORz & PORz assert low to put all processor resources in safe state. (0 ms)
•
T1 – Main DDR, SRAM Core, and SRAM CPU power supplies start ramp-down. (0.5 ms)
•
T2 – Low voltage core supplies start supply ramp-down. (2.5 ms)
•
T3 - 1.8-V voltages start supply ramp-down. (3.0 ms)
•
T4 – 3.3V voltages start supply ramp-down. (3.5 ms)
B.
Any MCU or Main dual voltage IO domains (VDDSHVn_MCU or VDDSHVn) being supplied by 3.3 V to support 3.3-V digital interfaces.
C.
Any MCU or Main dual voltage IO domains (VDDSHVn_MCU or VDDSHVn) being supplied by 1.8 V to support 1.8-V digital interfaces.
D.
VDDSHV5 supports MMC1 signaling for SD memory cards. A dual voltage (3.3 V/1.8 V) power rail is required for compliant, high-speed
SD card operations. If SD card is not needed or standard data rates with fixed 3.3-V operation is acceptable, then domain can be
grouped with digital IO 3.3-V power rail. If a SD card is capable of operating with fixed 1.8 V, then domain can be grouped with digital IO
1.8-V power rail.
E.
VDDA_3P3_USB is 3.3-V analog domain used for USB 2.0 differential interface signaling. A low noise, analog supply is recommended
to provide best signal integrity for USB data eye mask compliance. If USB interface is not needed or data bit errors can be tolerated,
then domain can be grouped with 3.3-V digital IO power rail either directly or through a supply filter.
F.
VDDA_1P8_<clk/pll/ana> are 1.8V analog domains supporting clock oscillator, PLL and analog circuitry needing a low noise supply
for optimal performance. It is not recommended to combine digital VDDSHVn_MCU and VDDSHVn IO domains since high frequency
switching noise could negatively impact jitter performance of clock, PLL and DLL signals. Combining analog VDDA_1p8_<phy>
domains should be avoided but if grouped, then in-line ferrite bead supply filtering is required .
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
162
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com