Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 159 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 159 Page - Texas Instruments

Back Button AM69 Datasheet HTML 155Page - Texas Instruments AM69 Datasheet HTML 156Page - Texas Instruments AM69 Datasheet HTML 157Page - Texas Instruments AM69 Datasheet HTML 158Page - Texas Instruments AM69 Datasheet HTML 159Page - Texas Instruments AM69 Datasheet HTML 160Page - Texas Instruments AM69 Datasheet HTML 161Page - Texas Instruments AM69 Datasheet HTML 162Page - Texas Instruments AM69 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 312 page
background image
6.10.2 Power Supply Sequencing
This section describes power supply sequencing required to ensure proper device operation. The device can be
operated using either an isolated or combined MCU & Main power distribution network (PDN). Two different
primary power sequences are recommended based upon isolated and combined MCU & Main PDNs. In
addition, the device can be operated in either MCU Only or DDR Retention or GPIO Retentioon low power
modes. Two different desired device power supply sequences for entry and exit of low power modes are shown.
The power supply names used in this section are specific to this device and align to names given in the Signal
Descriptions section. Common power supply names may be used across different devices within the Jacinto 7TM
processor family. These common supply names will have very similar if not identical functions across devices.
All power sequencing timing diagrams shown will use the following terminology:
• Primary = Essential power sequences of all voltage domains between off and full active states.
• VOPR MIN = Minimum operational voltage level that ensures functionality as specified in Recommended
Operating Conditions
• Ramp-up = start of a voltage supply transition time from off condition to Vopr min.
• Ramp-down = start of a voltage supply transition time from Vopr to off condition
• Supply_“n” = multiple instances of similar power supplies (i.e. VDDSHVn = VDDSHV0, VDDSHV1,
VDDSHV2 … VDDSHV6)
• Supply_“xxx” = multiple instances of similar power supplies used for different signal types (i.e.
VDDA_1P8_xxx = VDDA_1P8_DSITX, VDDA_1P8_USB, VDDA_0P8_DSITX, VDDA_0P8_USB, etc.)
• Time stamps = “T#” markers with descriptions and approximate elapsed times for general reference. Specific
timing transitions are dependent upon PDN design (see PDN User Guide for details).
6.10.2.1 Power Supply Slew Rate Requirement
To maintain the safe operating range of the internal ESD protection devices, TI recommends limiting the
maximum slew rate of supplies to be less than 100 mV/us, as shown in Figure 6-2. For instance, a 1.8V supply
should have a ramp time > 18 μs to ensure the slew rate < 100mV/us.
Figure 6-2 describes the Power Supply Slew Rate Requirement in the device.
t
Supply value
SPRSP08_ELCH_06
Slew Rate = ∆V / ∆T
Max Slew Rate < 100 mV / µs or 0.1 V / 1E(-6)s = 1E(+5) V / s
∆Tmin > ∆V / Max Slew Rate or 1.8 V / 1E(+5) V / s
∆Tmin > 18 µs
Figure 6-2. Power Supply Slew and Slew Rate
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
159
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com