Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 155 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 155 Page - Texas Instruments

Back Button AM69 Datasheet HTML 151Page - Texas Instruments AM69 Datasheet HTML 152Page - Texas Instruments AM69 Datasheet HTML 153Page - Texas Instruments AM69 Datasheet HTML 154Page - Texas Instruments AM69 Datasheet HTML 155Page - Texas Instruments AM69 Datasheet HTML 156Page - Texas Instruments AM69 Datasheet HTML 157Page - Texas Instruments AM69 Datasheet HTML 158Page - Texas Instruments AM69 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 312 page
background image
6.8 Thermal Resistance Characteristics
This section provides the thermal resistance characteristics used on this device.
For reliability and operability concerns, the maximum junction temperature of the device has to be at or below
the TJ value identified in Recommended Operating Conditions.
6.8.1 Thermal Resistance Characteristics for ALY Package
It is recommended to perform thermal simulations at the system level with the worst case device power consumption.
NO.
PARAMETER
DESCRIPTION
ALY PACKAGE
°C/W(1) (3)
AIR FLOW
(m/s)(2)
T1
RΘJC
Junction-to-case
0.11
N/A
T2
RΘJB
Junction-to-board
1.6
N/A
T3
RΘJA
Junction-to-free air
8.3
0
T4
Junction-to-moving air
4.7
1
T5
3.9
2
T7
ΨJT
Junction-to-package top
0.1
0
T8
0.1
1
T9
0.1
2
T11
ΨJB
Junction-to-board
1.3
0
T12
1.1
1
T13
1.0
2
(1)
These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on
a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air)
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
(2)
m/s = meters per second.
(3)
°C/W = degrees Celsius per watt.
6.8.2 Thermal Resistance Characteristics for AND Package
It is recommended to perform thermal simulations at the system level with the worst case device power consumption.
NO.
PARAMETER
DESCRIPTION
AND PACKAGE
°C/W(1) (3)
AIR FLOW
(m/s)(2)
T1
RΘJC
Junction-to-case
0.16
N/A
T2
RΘJB
Junction-to-board
1.47
N/A
T3
RΘJA
Junction-to-free air
9.22
0
T4
Junction-to-moving air
5.07
1
T5
4.31
2
T7
ΨJT
Junction-to-package top
0.10
0
T8
0.10
1
T9
0.10
2
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
155
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com