Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 151 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM69 Datasheet HTML 147Page - Texas Instruments AM69 Datasheet HTML 148Page - Texas Instruments AM69 Datasheet HTML 149Page - Texas Instruments AM69 Datasheet HTML 150Page - Texas Instruments AM69 Datasheet HTML 151Page - Texas Instruments AM69 Datasheet HTML 152Page - Texas Instruments AM69 Datasheet HTML 153Page - Texas Instruments AM69 Datasheet HTML 154Page - Texas Instruments AM69 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 312 page
background image
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tACQ
Acquisition time
2
257
ADC0/1
SMPL_CL
K Cycles
TR
Sampling Rate
ADC0/1 SMPL_CLK
= 60 MHz
4
MSPS
CCISO
Channel to Channel Isolation
100
dB
General Purpose Input Mode(1)
VIL
Input low-level threshold
0.35 ×
VDDA_ADC0/
1
V
VILSS
Input high-level threshold steady state
0.35 ×
VDDA_ADC0/
1
V
VIH
Input high-level threshold
0.65 ×
VDDA_ADC0/
1
V
VIHSS
Input high-level threshold steady state
0.65 ×
VDDA_ADC0/
1
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
6
µA
(1)
MCU_ADC0/1 can be configured to operate in General Purpose Input mode, where all MCU_ADC0/1_AIN[7:0] inputs are globally
enabled to operate as digital inputs via the ADC0/1_CTRL register (gpi_mode_en = 1).
6.6.8 LVCMOS Electrical Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8-V MODE
VIL
Input Low Voltage
0.35 × VDD(1)
V
VILSS
Input Low Voltage Steady State
0.3 × VDD(1)
V
VIH
Input High Voltage
0.65 × VDD(1)
V
VIHSS
Input High Voltage Steady State
0.85 × VDD(1)
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
15
22
30
kΩ
RPD
Pull-down Resistor
15
22
30
kΩ
VOL
Output Low Voltage
0.45
V
VOH
Output High Voltage
VDD(1) - 0.45
V
IOL
Low Level Output Current
VOL(MAX)
3
mA
IOH
High Level Output Current
VOH(MIN)
3
mA
3.3-V MODE
VIL
Input Low Voltage
0.8
V
VILSS
Input Low Voltage Steady State
0.6
V
VIH
Input High Voltage
2.0
V
VIHSS
Input High Voltage Steady State
2.0
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 3.3 V or 0 V
±10
µA
RPU
Pull-up Resistor
15
22
30
kΩ
RPD
Pull-down Resistor
15
22
30
kΩ
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
151
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com