Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 150 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 150 Page - Texas Instruments

Back Button AM69 Datasheet HTML 146Page - Texas Instruments AM69 Datasheet HTML 147Page - Texas Instruments AM69 Datasheet HTML 148Page - Texas Instruments AM69 Datasheet HTML 149Page - Texas Instruments AM69 Datasheet HTML 150Page - Texas Instruments AM69 Datasheet HTML 151Page - Texas Instruments AM69 Datasheet HTML 152Page - Texas Instruments AM69 Datasheet HTML 153Page - Texas Instruments AM69 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 312 page
background image
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VIL
Input low-level threshold
550
mV
VHYS
Hysteresis
25
mV
Ultra-Low Power Receiver (ULP-RX)
VITH
Input high-level threshold
740
mV
VITL-ULPM
Input low-level threshold
300
mV
VHYS
Hysteresis
25
mV
High Speed Receiver (HS-RX)
VIDTH
Differential input high-level threshold
40
mV
VIDTL
Differential input low-level threshold
-40
mV
VIDMAX
Maximum differential input voltage
270
mV
VILHS
Single-ended input low-level threshold
-40
mV
VIHHS
Single-ended input high-level threshold
460
mV
VCMRXDC
Common-mode voltage
70
330
mV
6.6.7 ADC12B Electrical Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
VMCU_ADC
0/1_AIN[7:0]
Full-scale Input Range
VSS
VDDA_ADC0/
1
V
DNL
Differential Non-Linearity
-1
0.5
4
LSB
INL
Integral Non-Linearity
±1
±4
LSB
LSBGAIN-
ERROR
Gain Error
±2
LSB
LSBOFFSE
T-ERROR
Offset Error
±2
LSB
CIN
Input Sampling Capacitance
5.5
pF
SNR
Signal-to-Noise Ratio
Input Signal: 200
kHz sine wave at
-0.5 dB Full Scale
70
dB
THD
Total Harmonic Distortion
Input Signal: 200
kHz sine wave at
-0.5 dB Full Scale
73
dB
SFDR
Spurious Free Dynamic Range
Input Signal: 200
kHz sine wave at
-0.5 dB Full Scale
76
dB
SNR(PLUS) Signal-to-Noise Plus Distortion
Input Signal: 200
kHz sine wave at
-0.5 dB Full Scale
69
dB
RMCU_ADC
0/1_AIN[0:7]
Input Impedance of MCU_ADC0/1_AIN[7:0] f = input frequency
[1/((65.97 ×
10–-12) ×
fSMPL_CLK)]
Ω
IIN
Input Leakage
MCU_ADC0/1_AIN[7
:0] = VSS
-10
μA
MCU_ADC0/1_AIN[7
:0] = VDDA_ADC0/1
24
μA
Sampling Dynamics
FSMPL_CLK SMPL_CLK Frequency
60
MHz
tC
Conversion Time
13
ADC0/1
SMPL_CL
K Cycles
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
150
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com