Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 152 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 152 Page - Texas Instruments

Back Button AM69 Datasheet HTML 148Page - Texas Instruments AM69 Datasheet HTML 149Page - Texas Instruments AM69 Datasheet HTML 150Page - Texas Instruments AM69 Datasheet HTML 151Page - Texas Instruments AM69 Datasheet HTML 152Page - Texas Instruments AM69 Datasheet HTML 153Page - Texas Instruments AM69 Datasheet HTML 154Page - Texas Instruments AM69 Datasheet HTML 155Page - Texas Instruments AM69 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 312 page
background image
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IOL
Low Level Output Current
VOL(MAX)
5
mA
IOH
High Level Output Current
VOH(MIN)
6
mA
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see the Pin
Attributes, POWER column.
6.6.9 USB2PHY Electrical Characteristics
Note
USB0 and USB1 Electrical Characteristics are compliant with Universal Serial Bus Revision 2.0
Specification dated April 27, 2000 including ECNs and Errata as applicable.
6.6.10 SerDes 2-L-PHY/4-L-PHY Electrical Characteristics
Note
The PCIe interfaces are compliant with the electrical parameters specified in PCI Express® Base
Specification Revision 4.0, September 27, 2017.
This Device imposes an additional limit on SERDES REFCLK when used in Input mode with internal
termination enabled, as described by parameter VREFCLK_TERM in Table 6-2, 4-L-PHY SERDES
REFCLK Electrical Characteristics. Internal termination is enabled by default and must be disabled
before applying a reference clock signal that exceeds the limits defined by VREFCLK_TERM. External
termination should always be enabled on the source side.
Table 6-2. 4-L-PHY SERDES REFCLK Electrical Characteristics
Only applies when internal termination is enabled. Over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
VREFCLK_TER
M
Single ended voltage threshold at the reference clock
pin when internal termination is enabled
400
mV
RTERM
Internal termination
40
50
62.5
Ω
Note
The SerDes USB interfaces are compliant with the USB3.1 SuperSpeed Transmitter and Receiver
Normative Electrical Parameters as defined in the Universal Serial Bus 3.1 Specification, Revision
1.0 , July 26, 2013.
Note
The SGMII interfaces electrical characteristics are compliant with 1000BASE-KX per IEEE802.3
Clause 70.
Note
The SGMII 2.5G / XAUI interfaces electrical characteristics are compliant with IEEE802.3 Clause 47.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
152
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com