Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 148 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 148 Page - Texas Instruments

Back Button AM69 Datasheet HTML 144Page - Texas Instruments AM69 Datasheet HTML 145Page - Texas Instruments AM69 Datasheet HTML 146Page - Texas Instruments AM69 Datasheet HTML 147Page - Texas Instruments AM69 Datasheet HTML 148Page - Texas Instruments AM69 Datasheet HTML 149Page - Texas Instruments AM69 Datasheet HTML 150Page - Texas Instruments AM69 Datasheet HTML 151Page - Texas Instruments AM69 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 312 page
background image
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high-level threshold
0.7 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
0.7 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
(1)
VDDSHV stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see the
Pin Attributes, POWER column.
6.6.3 HFOSC/LFOSC Electrical Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH FREQUENCY OSCILLATOR
VIH
Input high-level threshold
0.65 ×
VDDSHV(1)
V
VIL
Input low-level threshold
0.35 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
49
mV
LOW FREQUENCY OSCILLATOR
VIH
Input high-level threshold
0.65 ×
VDDA_WKUP
(1)
V
VIL
Input low-level threshold
0.35 ×
VDDA_WKUP
(1)
V
VHYS
Input Hysteresis Voltage
Active Mode
85
mV
Bypass Mode
324
mV
(1)
VDDSHV stands for corresponding power supply. For WKUP_OSC0, the corresponding power supply is VDDA_WKUP. For OSC1_XI,
the corresponding power supply is VDDS_OSC1.
6.6.4 eMMCPHY Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VIL
Input low-level threshold
0.35 ×
VDDSHV(1)
V
VILSS
Input low-level threshold steady state
0.20
V
VIH
Input high-level threshold
0.65 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
1.4
V
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
IOZ
Tri-state Output Leakage Current
VO = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
15
20
25
kΩ
RPD
Pull-down Resistor
15
20
25
kΩ
VOL
Output low-level voltage
0.30
V
VOH
Output high-level voltage
VDDSHV -
0.30(1)
V
IOL
Low Level Output Current
VOL(MAX)
2
mA
IOH
High Level Output Current
VOH(MAX)
2
mA
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
148
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com