Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 183 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 183 Page - Texas Instruments

Back Button AM69 Datasheet HTML 179Page - Texas Instruments AM69 Datasheet HTML 180Page - Texas Instruments AM69 Datasheet HTML 181Page - Texas Instruments AM69 Datasheet HTML 182Page - Texas Instruments AM69 Datasheet HTML 183Page - Texas Instruments AM69 Datasheet HTML 184Page - Texas Instruments AM69 Datasheet HTML 185Page - Texas Instruments AM69 Datasheet HTML 186Page - Texas Instruments AM69 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 312 page
background image
Table 6-21. WKUP_OSC0 Crystal Electrical Characteristics (continued)
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Crystal Frequency Stability and Tolerance
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
CL1+PCBXI
Capacitance of CL1 + CPCBXI
12
24
pF
CL2+PCBXO
Capacitance of CL2 + CPCBXO
12
24
pF
CL
Crystal Load Capacitance
6
12
pF
Cshunt
Crystal Circuit Shunt Capacitance
ESRxtal = 30 Ω
19.2 MHz, 20 MHz,
24 MHz, 25 MHz, 26 MHz,
27 MHz
7
pF
ESRxtal = 40 Ω
19.2 MHz, 20 MHz,
24 MHz, 25 MHz, 26 MHz,
27 MHz
5
pF
ESRxtal = 50 Ω
19.2 MHz, 20 MHz,
24 MHz, 25 MHz, 26 MHz,
27 MHz
5
pF
ESRxtal = 60 Ω
19.2 MHz, 20 MHz, 24 MHz
5
pF
ESRxtal = 80 Ω
19.2 MHz, 20 MHz
5
pF
25 MHz
3
pF
ESRxtal = 100 Ω 19.2 MHz, 20 MHz
3
pF
ESRxtal
Crystal Effective Series Resistance
100
Ω
When selecting a crystal, the system design must consider the temperature and aging characteristics of a based
on the worst case environment and expected life expectancy of the system.
Table 6-22 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 6-22. WKUP_OSC0 Switching Characteristics – Crystal Mode
PARAMETER
MIN
TYP
MAX UNIT
CXI
XI Capacitance
1.55
pF
CXO
XO Capacitance
1.35
pF
CXIXO
XI to XO Mutual Capacitance
0.9
fF
ts
Maximum Start-up Time
9.5(1)
ms
(1)
TI strongly encourages each customer to submit samples of the device to the resonator/crystal vendors for validation. The
vendors are equipped to determine what load capacitors will best tune their resonator/crystal to the microcontroller device
for optimum startup and operation over temperature/voltage extremes.
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
183
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com