Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 185 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 185 Page - Texas Instruments

Back Button AM69 Datasheet HTML 181Page - Texas Instruments AM69 Datasheet HTML 182Page - Texas Instruments AM69 Datasheet HTML 183Page - Texas Instruments AM69 Datasheet HTML 184Page - Texas Instruments AM69 Datasheet HTML 185Page - Texas Instruments AM69 Datasheet HTML 186Page - Texas Instruments AM69 Datasheet HTML 187Page - Texas Instruments AM69 Datasheet HTML 188Page - Texas Instruments AM69 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 312 page
background image
6.10.4.1.1.2 Shunt Capacitance
The crystal circuit must also be designed such that it does not exceed the maximum shunt capacitance for
WKUP_OSC0 operating conditions defined in Table 6-21. Shunt capacitance, Cshunt, of the crystal circuit is a
combination of crystal shunt capacitance and parasitic contributions. PCB signal traces which connect crystal
circuit components to WKUP_OSC0 have mutual parasitic capacitance to each other, CPCBXIXO, where the
PCB designer should be able to extract mutual parasitic capacitance between these signal traces. The device
package also has mutual parasitic capacitance, CXIXO, where this mutual parasitic capacitance value is defined
in Table 6-22.
PCB routing should be designed to minimize mutual capacitance between XI and XO signal traces. This is
typically done by keeping signal traces short and not routing them in close proximity. Mutual capacitance can
also be minimized by placing a ground trace between these signals when the layout requires them to be routed
in close proximity. It is important to minimize the mutual capacitance on the PCB to provide as much margin as
possible when selecting a crystal.
J7ES_WKUP_OSC_SC_06
Device
WKUP_OSC0_XO
WKUP_OSC0_XI
C
PCBXIXO
PCB
Signal Traces
Crystal Circuit
Components
C
XIXO
C
O
Figure 6-26. Shunt Capacitance
A crystal should be chosen such that the below equation is satisfied. CO in the equation is the maximum shunt
capacitance specified by the crystal manufacturer.
Cshunt ≥ CO + CPCBXIXO + CXIXO
For example, the equation would be satisfied when the crystal being used is 25 MHz with an ESR = 30 Ω,
CPCBXIXO = 0.04 pF, CXIXO = 0.01 pF, and shunt capacitance of the crystal is less than or equal to 6.95 pF.
6.10.4.1.2 WKUP_OSC0 LVCMOS Digital Clock Source
Figure 6-27 shows the recommended oscillator connections when WKUP_OSC0_XI is connected to a 1.8-V
LVCMOS square-wave digital clock source.
Note
A DC steady-state condition is not allowed on WKUP_OSC0_XI when the oscillator is powered up.
This is not allowed because WKUP_OSC0_XI is internally AC coupled to a comparator that may enter
a unknown state when DC is applied to the input. Therefore, application software should power down
WKUP_OSC0 any time WKUP_OSC0_XI is not toggling between logic states.
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
185
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com