Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 188 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 188 Page - Texas Instruments

Back Button AM69 Datasheet HTML 184Page - Texas Instruments AM69 Datasheet HTML 185Page - Texas Instruments AM69 Datasheet HTML 186Page - Texas Instruments AM69 Datasheet HTML 187Page - Texas Instruments AM69 Datasheet HTML 188Page - Texas Instruments AM69 Datasheet HTML 189Page - Texas Instruments AM69 Datasheet HTML 190Page - Texas Instruments AM69 Datasheet HTML 191Page - Texas Instruments AM69 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 312 page
background image
VDDS_OSC1
OSC1_XO
t
sX
Time
VSS
VDDS_OSC1 (min.)
VDD_CORE (min.)
VSS
VDD_CORE
J7ES_AUX_OSC_STARTUP_08
Figure 6-29. OSC1 Start-up Time
6.10.4.1.3.1 Load Capacitance
The crystal circuit must be designed such that it applies the appropriate capacitive load to the crystal, as defined
by the crystal manufacturer. The capacitive load, CL, of this circuit is a combination of discrete capacitors CL1,
CL2, and several parasitic contributions. PCB signal traces which connect crystal circuit components to OSC1_XI
and OSC1_XO have parasitic capacitance to ground, CPCBXI and CPCBXO, where the PCB designer should
be able to extract parasitic capacitance for each signal trace. The OSC1 circuits and device package have
combined parasitic capacitance to ground, CPCBXI and CPCBXO, where these parasitic capacitance values are
defined in Table 6-24.
J7ES_AUX_OSC_CC_05
C
PCBXI
C
PCBXO
C
L1
C
L2
PCB
Signal Traces
Crystal Circuit
Components
OSC1_XO
OSC1_XI
C
XI
C
XO
Device
Figure 6-30. Load Capacitance
Load capacitors, CL1 and CL2 in Figure 6-28, should be chosen such that the below equation is satisfied. CL in
the equation is the load specified by the crystal manufacturer.
CL = [(CL1 + CPCBXI + CXI) × (CL2 + CPCBXO + CXO)] / [(CL1 + CPCBXI + CXI) + (CL2 + CPCBXO + CXO)]
To determine the value of CL1 and CL2, multiply the capacitive load value CL by 2. Using this result, subtract the
combined values of CPCBXI + CXI to determine the value of CL1 and the combined values of CPCBXO + CXO to
determine the value of CL2. For example, if CL = 10 pF, CPCBXI = 2.9 pF, CXI = 0.5 pF, CPCBXO = 3.7 pF, CXO =
0.5 pF, the value of CL1 = [(2CL) - (CPCBXI + CXI)] = [(2 × 10 pF) - 2.9 pF - 0.5 pF)] = 16.6 pF and CL2 = [(2CL) -
(CPCBXO + CXO)] = [(2 × 10 pF) - 3.7 pF - 0.5 pF)] = 15.8 pF
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
188
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com