Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 217 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 217 Page - Texas Instruments

Back Button AM69 Datasheet HTML 213Page - Texas Instruments AM69 Datasheet HTML 214Page - Texas Instruments AM69 Datasheet HTML 215Page - Texas Instruments AM69 Datasheet HTML 216Page - Texas Instruments AM69 Datasheet HTML 217Page - Texas Instruments AM69 Datasheet HTML 218Page - Texas Instruments AM69 Datasheet HTML 219Page - Texas Instruments AM69 Datasheet HTML 220Page - Texas Instruments AM69 Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 312 page
background image
GPMC_CLK
GPMC_CSn[i]
GPMC_A[27:17]
GPMC_BE1n
BPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_WEn
GPMC_WAIT[j]
Address (LSB)
D 0
D 1
D 2
D 3
F4
F15
F15
F15
F1
F1
F2
F6
F8
F8
F0
F3
F17
F17
F17
F9
F6
F17
F17
F17
F18
F20
F21
F21
GPMC_AD[15:0]
F14
GPMC_05
F22
F22
Address (MSB)
F14
A.
In GPMC_CSn[i], i is equal to 0, 1, 2 or 3.
B.
In GPMC_WAIT[j], j is equal to 0, 1, 2, or 3.
Figure 6-55. GPMC and Multiplexed NOR Flash — Synchronous Burst Write
6.10.5.10.2 GPMC and NOR Flash — Asynchronous Mode
Section 6.10.5.10.2.1 and Section 6.10.5.10.2.2 assume testing over the recommended operating conditions
and electrical characteristic conditions below (see Figure 6-56 through Figure 6-61).
6.10.5.10.2.1 GPMC and NOR Flash Timing Requirements – Asynchronous Mode
NO.
MODE(7)
MIN
MAX UNIT
FA5(1)
tacc(d)
Data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
H(5)
ns
FA20(2) tacc1-pgmode(d)
Page mode successive data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
P(4)
ns
FA21(3) tacc2-pgmode(d)
Page mode first data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
H(5)
ns
(1)
The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active
functional clock edge. FA5 value must be stored inside the AccessTime register bit field.
(2)
The FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional
clock edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
217
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com