Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 218 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 218 Page - Texas Instruments

Back Button AM69 Datasheet HTML 214Page - Texas Instruments AM69 Datasheet HTML 215Page - Texas Instruments AM69 Datasheet HTML 216Page - Texas Instruments AM69 Datasheet HTML 217Page - Texas Instruments AM69 Datasheet HTML 218Page - Texas Instruments AM69 Datasheet HTML 219Page - Texas Instruments AM69 Datasheet HTML 220Page - Texas Instruments AM69 Datasheet HTML 221Page - Texas Instruments AM69 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 312 page
background image
(3)
The FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data is internally sampled by
active functional clock edge. FA21 value must be stored inside the AccessTime register bit field.
(4)
P = PageBurstAccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(6)
(5)
H = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(6)
(6)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(7)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 00 = CPSWHSDIV_CLKOUT3 = 2000/15 = 133.33 MHz
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
6.10.5.10.2.2 GPMC and NOR Flash Switching Characteristics – Asynchronous Mode
NO.
PARAMETER
DESCRIPTION
MODE(15)
MIN
MAX
UNIT
133 MHz(16)
FA0
tw(be[x]nV)
Pulse duration, output lower-byte enable and
command latch enable GPMC_BE0n_CLE, output
upper-byte enable GPMC_BE1n valid time
Read
N(12)
ns
Write
N(12)
FA1
tw(csnV)
Pulse duration, output chip select GPMC_CSn[i](13)
low
Read
A(1)
ns
Write
A(1)
FA3
td(csnV-advnIV)
Delay time, output chip select GPMC_CSn[i](13)
valid to output address valid and address latch
enable GPMC_ADVn_ALE invalid
Read
B(2)- 2.55 B(2)+ 2.65
ns
Write
B(2)- 2.55 B(2)+ 2.65
FA4
td(csnV-oenIV)
Delay time, output chip select GPMC_CSn[i](13)
valid to output enable GPMC_OEn_REn invalid
(Single read)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_
X1
C(3)- 2.55 C(3)+ 2.65
ns
FA9
td(aV-csnV)
Delay time, output address GPMC_A[27:1] valid to
output chip select GPMC_CSn[i](13) valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_
X1
J(9)- 2.55 J(9)+ 2.65
ns
FA10 td(be[x]nV-csnV)
Delay time, output lower-byte enable and
command latch enable GPMC_BE0n_CLE, output
upper-byte enable GPMC_BE1n valid to output
chip select GPMC_CSn[i](13) valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_
X1
J(9)- 2.55 J(9)+ 2.65
ns
FA12 td(csnV-advnV)
Delay time, output chip select GPMC_CSn[i](13)
valid to output address valid and address latch
enable GPMC_ADVn_ALE valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_
X1
K(10)- 2.55
K(10)+
2.65
ns
FA13 td(csnV-oenV)
Delay time, output chip select GPMC_CSn[i](13)
valid to output enable GPMC_OEn_REn valid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_
X1
L(11)- 2.55
L(11)+
2.65
ns
FA16 tw(aIV)
Pulse duration output address GPMC_A[26:1]
invalid between 2 successive read and write
accesses
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_
X1
G(7)
ns
FA18 td(csnV-oenIV)
Delay time, output chip select GPMC_CSn[i](13)
valid to output enable GPMC_OEn_REn invalid
(Burst read)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_
X1
I(8)- 2.55 I(8)+ 2.65
ns
FA20 tw(aV)
Pulse duration, output address GPMC_A[27:1]
valid - 2nd, 3rd, and 4th accesses
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_
X1
D(4)
ns
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
218
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com