Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 241 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 241 Page - Texas Instruments

Back Button AM69 Datasheet HTML 237Page - Texas Instruments AM69 Datasheet HTML 238Page - Texas Instruments AM69 Datasheet HTML 239Page - Texas Instruments AM69 Datasheet HTML 240Page - Texas Instruments AM69 Datasheet HTML 241Page - Texas Instruments AM69 Datasheet HTML 242Page - Texas Instruments AM69 Datasheet HTML 243Page - Texas Instruments AM69 Datasheet HTML 244Page - Texas Instruments AM69 Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 312 page
background image
6.10.5.16 MCSPI
For more details about features and additional description information on the device Serial Port Interface, see
the corresponding sections within Signal Descriptions and Detailed Description.
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the
device TRM.
Table 6-50 represents MCSPI timing conditions.
Note
The IO timings provided in this section are applicable for all combinations of signals for MCU_SPI0
and MCU_SPI1. However, the timings are only valid for MCU_SPI0 and MCU_SPI1 if signals within a
single IOSET are used. The IOSETs are defined in the Table 6-55 and Table 6-56 tables.
Table 6-50. MCSPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
8.5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
CLK
6
24
pF
D[x], CSi
6
12
pF
6.10.5.16.1 MCSPI — Controller Mode
Table 6-51, Figure 6-73, Table 6-52, and Figure 6-74 present timing requirements and switching characteristics
for MCSPI – Controller Mode.
Table 6-51. MCSPI Timing Requirements - Controller Mode
see Figure 6-73
NO.
MIN
MAX
UNIT
SM4
tsu(misoV-
spiclkV)
Setup time, SPI_D[x] valid before SPI_CLK active edge
2.9
ns
SM5
th(spiclkV-
misoV)
Hold time, SPI_D[x] valid after SPI_CLK active edge
2
ns
Table 6-52. MCSPI Switching Characteristics - Controller Mode
see Figure 6-74
NO.
PARAMETER
MODE
MIN
MAX
UNIT
SM1
tc(spiclk)
Cycle time, SPI_CLK
20.8
ns
SM2
tw(spiclkL)
Pulse duration, SPI_CLK low
0.5P -
1(1)
ns
SM3
tw(spiclkH)
Pulse duration, SPI_CLK high
0.5P -
1(1)
ns
SM6
td(spiclkV-simoV)
Delay time, SPI_CLK active edge to SPI_D[x]
transition
–2
2
ns
SM7
td(csV-simoV)
Delay time, SPI_CSi active edge to SPI_D[x] transition
5
ns
SM8
td(csV-spiclk)
Delay time, SPI_CSi active to SPI_CLK first edge
PHA = 0(2)
B - 4(3)
ns
PHA = 1 (2)
A - 4(4)
ns
SM9
td(spiclkV-csV)
Delay time, SPI_CLK last edge to SPI_CSi inactive
PHA = 0(2)
A - 4(4)
ns
PHA = 1(2)
B - 4(3)
ns
(1)
P = SPI_CLK period in ns
(2)
SPI_CLK phase is programmable with the PHA bit of the MCSPI_CHCONF_0/1/2/3 register
(3)
B = (TCS + .5) * TSPICLKREF, where TCSns a bit field of the MCSPI_CHCONF_0/1/2/3 register and Fratio = Even >= 2.
(4)
When P = 20.8 ns, A = (TCS + 1) * TSPICLKREF, where TCSns a bit field of the MCSPI_CHCONF_0/1/2/3 register.
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
241
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com