Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 296 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 296 Page - Texas Instruments

Back Button AM69 Datasheet HTML 292Page - Texas Instruments AM69 Datasheet HTML 293Page - Texas Instruments AM69 Datasheet HTML 294Page - Texas Instruments AM69 Datasheet HTML 295Page - Texas Instruments AM69 Datasheet HTML 296Page - Texas Instruments AM69 Datasheet HTML 297Page - Texas Instruments AM69 Datasheet HTML 298Page - Texas Instruments AM69 Datasheet HTML 299Page - Texas Instruments AM69 Datasheet HTML 300Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 312 page
background image
leakage current is 10 nA, or zero. Using an input leakage of zero with the resistor values given above, the result
is a minimum trigger threshold of 4.008 V.
This example demonstrates a system power supply voltage trip point that ranges from 4.008 V to 4.523 V.
Approximately 250 mV of this range is introduced by VMON1_ER_VSYS input threshold accuracy of ±3%,
approximately 150 mV of this range is introduced by resistor tolerance of ±1%, and approximately 100 mV of this
range is introduced by loading error when VMON1_ER_VSYS input leakage current is 2.5 μA.
The resistor values selected in this example produces approximately 100 μA of bias current through the resistor
divider when the system supply is 4.5 V. The 100 mV of loading error mentioned above could be reduced to
about 10 mV by increasing the bias current through the resistor divider to approximately 1 mA. So resistor
divider bias current vs loading error is something the system designer needs to consider when selecting
component values.
The system designer should also consider implementing a noise filter on the voltage divider output since
VMON1_ER_VSYS has minimum hysteresis and a high-bandwidth response to transients. This could be done
by installing a capacitor across R1 as shown in Figure 10-5. However, the system designer must determine the
response time of this filter based on system supply noise and expected response to transient events.
Figure 10-5 presents an example, when the system power supply voltage is nominally 5 V and the desired
trigger threshold is -10% or 4.5 V.
Device
VMON_VSYS
SPRSP56_VMON_ER_MON_01
VSS
4.81 k
1%
Ω
±
40.2 k
1%
Ω ±
VSYS
R1
R2
C1
Value = Determined by system designer
(System Power Supply)
Figure 10-5. System Supply Monitor Voltage Divider Circuit
The VMON2_IR_VCPU pin provides a way to monitor VDD_CPU power supply. Must be externally connected as
close as possible to VDD_CPU pin on the board. SoCs that have a VMON6_IR_VEXT0P8 can optionally monitor
other domains such as VDD_CORE or VDD_MCU. Similarly, those signals should be as close as possible to
VDD_CORE or VDD_MCU pin on the board.
The VMON3_IR_VEXT1P8 and VMON4_IR_VEXT1P8 pins provide a way to monitor an external 1.8-V power
supply. The VMON5_IR_VEXT3P3 pin provides a way to monitor an external 3.3-V power supply. An internal
resistor divider with software control is implemented inside the SoC. Software can program the internal resistor
divider to create appropriate under voltage and over voltage interrupts. These pins should not be sourced from
an external resistor divider. If the monitored voltage requires adjustment, be sure to buffer the divided voltage
prior connecting to monitor pin.
10.5 High Speed Differential Signal Routing Guidance
The High Speed Interface Layout Guidelines provides guidance for successful routing of the high speed
differential signals. This includes PCB stackup and materials guidance as well as routing skew, length and
spacing limits. TI supports only designs that follow the board design guidelines contained in the application
report.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
296
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com