Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 300 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 300 Page - Texas Instruments

Back Button AM69 Datasheet HTML 296Page - Texas Instruments AM69 Datasheet HTML 297Page - Texas Instruments AM69 Datasheet HTML 298Page - Texas Instruments AM69 Datasheet HTML 299Page - Texas Instruments AM69 Datasheet HTML 300Page - Texas Instruments AM69 Datasheet HTML 301Page - Texas Instruments AM69 Datasheet HTML 302Page - Texas Instruments AM69 Datasheet HTML 303Page - Texas Instruments AM69 Datasheet HTML 304Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 312 page
background image
11.1.2 Device Naming Convention
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
Table 11-1. Nomenclature Description
FIELD
PARAMETER
FIELD
DESCRIPTION
VALUE
DESCRIPTION
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK(1)
Production
BBBBBBB
Base production part number
AM69A98
See Device Comparison
AM69A94
AM69A78
AM6958
AM6954
r
Device revision
A
SR1.0
Z
Device Speed Grade
T
See Speed Grade Maximum Frequency.
OTHER
Alternate speed grade
f
Features
(see Device Comparison)
G
Base, no additional Features
Y
Functional Safety(3)
G
Non-Functional Safety
y
Security
G
Non-Secure
Other
Secure
t
Temperature(2)
A
–40°C to 105°C - Extended Industrial (see Recommended Operation
Conditions)
H
0°C to 95°C - Commercial (see Recommended Operation Conditions)
I
–40°C to 125°C - Automotive (see Recommended Operation Conditions)
PPP
Package Designator
ALY
ALY FCBGA-N1414 (31mm x 31mm) Package (Production Data)
AND
AND FCBGA-N1063 (27mm x 27mm) Package (Advance Information)
Q1
Automotive Designator
Q1
Auto Qualified (Q100)
BLANK(1)
Standard
xxxxxxx
Lot Trace Code (LTC)
YYY
Production Code, For TI use only
ZZZ
Production Code, For TI use only
O
Pin one designator
G1
ECAT - Green package designator
(1)
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
(2)
Applies to device max junction temperature.
(3)
Functional Safety is not supported on this device family, if interested in this feature, please see the TDA4VH device family.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
300
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com